Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 10 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits CMX608 Datasheet HTML 10Page - CML Microcircuits CMX608 Datasheet HTML 11Page - CML Microcircuits CMX608 Datasheet HTML 12Page - CML Microcircuits CMX608 Datasheet HTML 13Page - CML Microcircuits CMX608 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
10
D/608_18_38/11
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
37
25
26
27
28
29
30
31
32
33
NC
XTALSEL3
XTALSEL2
IOVDD
IOVDD
ENABXTAL
XTALSEL1
IOVDD
R1
C3
Vss
RESETN
XTAL out
XTAL in
Vss
XTAL
C1
C2
Vss
Vss
Vss
SYNC
13
14
15
16
17
18
19
20
21
22
24
23
VDD
C5
VDD
IOVDD
C6
Vss
AVss
AVss
Vss
Vss
IOVDD
CBUS
34
35
36
IOVDD
CMX618/
CMX638
AVDD
C7
AVDD
C4
D1
R2
AVDD
AVDD
AVss
CODEC PORT
Vss
C8
Vss
C9
C10
Vss
C11
Vss
C12
Vss
OUT P
INPUT P
VssREF
BIAS
AVss
C14
AVss
AVss
VssPA
VDDPA
VDDPA
OUT N
AVss
AVss
INPUT N
Vss
C13
IOVDD
AVss
AVss
IOVDD
C1
22pF
C7
100nF
C13
100nF
C2
22pF
C8
100nF
C14
100nF
C3
1.0µF
C9
100nF
C4
100nF
C10
100nF
R1
470k
C5
1.0µF
C11
1.0µF
R2
100k
C6
100nF
C12
100nF
D1
small signal diode
Figure 3 CMX618/CMX638 Recommended External Components
Crystal Select Input Pins:
Clock/Crystal
Frequency
Clock/Crystal Choice
XTALSEL3
XTALSEL2
XTALSEL1
0
0
1
9.6MHz
crystal or clock
0
1
0
12.0MHz
crystal or clock
0
1
1
14.4MHz
external clock only
1
0
0
16.8MHz
external clock only
1
0
1
19.2MHz
external clock only
1
1
0
21.6MHz
external clock only
1
1
1
24.0MHz
external clock only
Table 1 Clock/Crystal Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com