Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 38 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 38 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
38
D/608_18_38/11
Bit 4
Setting this bit to '1' will reduce the internal clock rate to a quarter of its normal
THROTTLE
frequency when the device is not actively encoding or decoding.
Clearing this bit to '0' will leave the internal clock rate at its normal frequency.
This bit should be cleared to '0' in the CMX638, when using full-duplex operation.
When the clock is throttled down, the device will take up to 4 times longer to
complete any C-BUS command.
Note: The maximum C-BUS CLK frequency that should be used when this bit is
set to '1' is 4MHz.
Bits 5 to 7
These bits are not used and must be cleared to '0'.
DTMFATTEN register address $0A
7
6
5
4
3
2
1
0
Attenuation
This is a dual-purpose register. Its primary function is to set an attenuation value for regenerated
DTMF tones. Its secondary function is to execute a change in the clock frequency of the internal
processor. For more information about the clock, please refer to the CLOCK register ($1D)
description.
When DTMF is sent through a vocoded channel, only the code is transferred and no amplitude
information is transferred. If the decoder is reproducing the DTMF tones in the audio stream, the
level at which they are produced may be too loud compared to any voice. This register allows the
volume to be reduced to an appropriate level.
This write-only register controls the attenuation of the generated DTMF audio tones.
Without
attenuation, DTMF tones will be generated with an amplitude of approximately half scale (6dB
down from the maximum amplitude that can be achieved with 16-bit samples). The value written
by this register is a count of right shifts to be applied to any DTMF tones that are generated. This
effectively gives attenuation steps of 6dB. Bit 7 is the msb.
After writing to this register, bit 14 (SVC) of the STATUS register ($40) will be set to '1' and, if
enabled, IRQN will go low. No other C-BUS registers should be read or written whilst this
command is in progress.
Before using the DTMFATTEN register, the CLOCK register ($1D) must be programmed with a
valid value. Please refer to the CLOCK register description.
EXCODECCONT register address $0B
7
6
5
4
3
2
1
0
SEL1
SEL0
n
n
n
n
n
n
This write-only register is used to control an external CODEC.
The CMX608 (and
CMX618/CMX638 with external CODEC selected) has built-in drivers for a popular type of
CODEC:
Burr Brown (Texas Instruments) PCM3500
Other types of CODEC may be used with this device, see section 5.6 for further details.
This register is split into four sub-registers, indicated by 'n' in bits 5 to 0 above. The sub-register
written depends on the value of the SEL1 and SEL0 bits. In all cases, after this register has been
written and the action completed, bit 15 of the STATUS register ($40) will be set and, if enabled,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com