Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 9 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 5Page - CML Microcircuits CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits CMX608 Datasheet HTML 10Page - CML Microcircuits CMX608 Datasheet HTML 11Page - CML Microcircuits CMX608 Datasheet HTML 12Page - CML Microcircuits CMX608 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
9
D/608_18_38/11
4.
External Components
1
2
3
4
5
6
7
8
9
10
11
12
NC
Vss
Vss
48
47
46
45
44
43
42
41
40
39
38
37
25
26
27
28
29
30
31
32
33
NC
XTALSEL3
XTALSEL2
IOVDD
IOVDD
ENABXTAL
XTALSEL1
R1
C3
Vss
RESETN
XTAL out
XTAL in
Vss
XTAL
C1
C2
Vss
Vss
Vss
SYNC
13
14
15
16
17
18
19
20
21
22
24
23
VDD
C5
VDD
IOVDD
C6
Vss
Vss
Vss
Vss
Vss
IOVDD
CBUS
34
35
36
IOVDD
CMX608
IOVDD
Vss
C7
IOVDD
C4
Vss
Vss
Vss
D1
R2
IOVDD
NC
NC
IOVDD
Vss
Vss
NC
NC
IOVDD
IOVDD
CODEC PORT
Vss
C8
Vss
C9
Vss
C10
Vss
C11
Vss
C12
Vss
IOVDD
IOVDD
C1
22pF
C9
100nF
C2
22pF
C10
100nF
C3
1.0µF
C11
1.0µF
C4
100nF
C12
100nF
C5
1.0µF
C6
100nF
R1
470k
C7
100nF
R2
100k
C8
100nF
D1
small signal diode
Notes: 1.
On CMX608/CMX618/CMX638 devices, the crystal selection pins (XTALSEL1, XTALSEL2
and XTALSEL3) must be permanently tied to either IOVDD or VSS and not driven from a logic
level output of the host µController (see Table 1 for a list of crystal frequencies). For 9.6MHz
and 12.0MHz operation, either a crystal or a clock can be used. For all other frequencies, a
clock must be injected into the XTALIN pin and the XTALOUT pin must be left unconnected.
2.
To use the CMX608/CMX618/CMX638, tie the ENABXTAL pin to IOVDD. If the ENABXTAL pin
is connected to VSS it will force the device into a deep powersave mode, where the C-BUS
interface and clock input (XTALIN) are disabled and the crystal oscillator is powered down.
3.
A single 10µF electrolytic capacitor may be fitted in place of C5 and C11, providing the two
VDD pins are connected together on the pcb with an adequate width power supply trace.
Figure 2 CMX608 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com