Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 46 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 46 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits CMX608 Datasheet HTML 44Page - CML Microcircuits CMX608 Datasheet HTML 45Page - CML Microcircuits CMX608 Datasheet HTML 46Page - CML Microcircuits CMX608 Datasheet HTML 47Page - CML Microcircuits CMX608 Datasheet HTML 48Page - CML Microcircuits CMX608 Datasheet HTML 49Page - CML Microcircuits CMX608 Datasheet HTML 50Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
46
D/608_18_38/11
5.10.4.
16-bit Write-Only Registers
VCTRL register address $11 (also MVCTRL register address $3C)
This write-only register controls the Vocoder when it is operating. A change in the state of these
bits may take up to 20ms before any effect is observed. The VCTRL register is mirrored by the
MVCTRL register ($3C). This read-only register holds the last value written to the VCTRL ($11)
register. The MVCTRL register is updated before the value is validated and therefore may be
used as confirmation that a write command to a 16-bit C-BUS register is working.
After the VCTRL command has completed, bit 15 of the STATUS register ($40) will be set to '1'
and, if enabled, IRQN will go low. No other C-BUS registers should be read or written whilst this
command is in progress.
Bit 0
Decoder Enable: If this bit is set to '1' the device will accept frames of vocoded
DEC
audio, decode them, and send the samples to the D/A converter. If this bit is
cleared to '0', any supplied frames will be ignored.
Bit 1
Encoder Enable: If this bit is set to '1' the device will collect samples from the A/D
ENC
converter, encode them and send the vocoded frames to the streaming
ENCFRAME register ($30). If this bit is cleared to '0', no vocoded frames of audio
will be produced.
Note: Setting both DEC and ENC to '1' is the same as setting them both to' '0, as full duplex
operation is not possible with the CMX608/CMX618. In the CMX638, DEC and ENC bits can be
set as above, for half-duplex operation, or both DEC and ENC should be set to '1' for full-duplex
operation. When operating in full-duplex, neither DTMF nor STD functions are supported.
Bit 2
Repeater Function Enable: If this bit is set to '1' the device will re-apply FEC to the
FECLOOP
previously supplied FEC encoded frame, after error correction, and then send it to
the streaming ENCFRAME register ($30). This allows the device to be used in a
repeater. If this bit is cleared to '0', this function is turned off.
This bit is ignored if the ENC bit is set to '1'. If the DEC bit is set to '1', the
supplied frames will also be decoded and sent to the D/A converter.
Bit 3
Packet Loss Concealment (PLC): If this bit is set to '1' the
device’s decoder will
PLC
attempt to conceal badly corrupted frames by using a special PLC procedure. If
this bit is cleared to '0', PLC will not be done.
Bit 4
Vocoder Data Wanted: If this bit is set to '1', the device will indicate that it is able
DVDW
to accept another Vocoder frame for decoding, by setting the VDW bit (bit 8) in
the STATUS register ($40). If this bit is cleared to '0', this function is disabled.
15
14
13
12
11
10
9
8
0
0
ESTDP
ESTDD
EDTMFD
0
DSTDP
DSTDG
7
6
5
4
3
2
1
0
DSTDD
DDTMFG
DDTMFD
DVDW
PLC
FECLOOP
ENC
DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com