Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 51 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 51 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 47Page - CML Microcircuits CMX608 Datasheet HTML 48Page - CML Microcircuits CMX608 Datasheet HTML 49Page - CML Microcircuits CMX608 Datasheet HTML 50Page - CML Microcircuits CMX608 Datasheet HTML 51Page - CML Microcircuits CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits CMX608 Datasheet HTML 54Page - CML Microcircuits CMX608 Datasheet HTML 55Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
51
D/608_18_38/11
5.10.5.
16-bit Read-Only Registers
PLEVEL register address $31
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Peak Level
This read-only register contains the peak sample value of the last 20ms frame of audio collected
for encoding. This peak sample value will be available for every 20ms frame, regardless of
whether multiple frame or single frame format is selected. Bit 6 of the STATUS register ($40) will
be set to '1' (and a C-BUS interrupt generated, if enabled) when this register is updated. This value
is only updated when the facility is turned on, by writing $09 to the service request (SVCREQ)
register ($0E). The audio level should not be allowed to limit: for single-ended operation this can
be ensured by keeping the Peak Level below 16384, i.e. bit 14 of the PLEVEL register should not
become set to '1'.
DFRAMEDATA register address $37
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Type
X
X
Data
Data
This read-only register contains extra information about the last 20ms frame of audio that was
decoded. The data in this register becomes valid after bit 2 in the STATUS register ($40) is set. If
this data is required, it should be read as soon as possible after it becomes valid. When decoding
multi-frame packets, once one frame is decoded, then the next frame will be processed.
For
packets of voice frames, this will happen at a rate of approximately once every 6ms, but for
packets of single tones or DTMF, the rate will be approximately once every 300µs.
The Vocoder can detect frames containing either voice, DTMF, or single tones depending on
which bits are set in the VCTRL register ($11). If the Vocoder is set up to detect DTMF and/or
single tones in the vocoded frames, the DTMF code or the single tone frequency will be reported in
this register.
Bits 0 to 11
This field contains either the DTMF code (bits 0 to 3) or the single tone frequency
Data
that was detected in the audio stream.
Bits 12 to 13
Reserved. The value of these two bits should be ignored.
Bits 14 to 15
This field indicates what sort of data is contained in the data field, as shown in the
Type
table below:
Bit 15
Bit 14
Data Type
0
0
The frame was encoded audio. The data field should be ignored.
0
1
The frame contained DTMF. The data field contains the DTMF code in bits 0
to 3 (bit 3 is the msb). All other bits should be ignored. The format of the
DTMF data is specified by bit 7 (DTMFF) of the VCFG register ($07).
Please refer to section 6.2 for the bit patterns.
1
0
The frame contained a single tone. The data field contains the single tone's
frequency in Hz. The frequency value has a resolution of 32Hz and bit 11 is
the msb.
1
1
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com