Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 49 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 49 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 45Page - CML Microcircuits CMX608 Datasheet HTML 46Page - CML Microcircuits CMX608 Datasheet HTML 47Page - CML Microcircuits CMX608 Datasheet HTML 48Page - CML Microcircuits CMX608 Datasheet HTML 49Page - CML Microcircuits CMX608 Datasheet HTML 50Page - CML Microcircuits CMX608 Datasheet HTML 51Page - CML Microcircuits CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
49
D/608_18_38/11
CLOCK register address $1D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Clock Value
This write only register, together with the DTMFATTEN register ($0A), controls the speed of the
Vocoder's internal processor. This register has no default value and therefore must be set up after
the device is reset. Two speeds can be selected: slow and fast.
Writing $0005 to this register, followed by a write to the DTMFATTEN register, will select the slow
speed. This is the speed at which the internal processor starts up and is suitable for use with
CMX608, CMX618 and CMX638 (only when operated in a half-duplex mode). The fast speed may
also be selected: this will reduce the latency by approximately 3ms but will increase the current
consumption.
Writing $0006 to this register, followed by a write to the DTMFATTEN register, will select the fast
speed. This is the speed which must be selected when operating the CMX638 as a full-duplex
Vocoder.
After writing to the DTMFATTEN register, the host must wait until bit 14 (SVC) of the STATUS
register ($40) is set to '1' before writing to any more C-BUS registers. Please refer to the
DTMFATTEN register description.
To ensure correct device operation, no other values should be written to this register. The function
of this register should not be confused with 'clock throttling', which is controlled by the THROTTLE
bit (b4) in the POWERSAVE register ($09). Please note that 'clock throttling' is not available in the
CMX638 when used in full-duplex mode.
VDWHLWM register address $1E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
H
0
0
0
0
Watermark
This write-only register controls the behaviour of the Vocoder-Data-Wanted (VDW) notification by
setting either the high, or low, watermark values. After this register has been written, the host
should wait until bit 15 (RDY) is set in the STATUS register ($40). If interrupts are enabled for this
bit, IRQN will also go low.
No other C-BUS registers should be read or written whilst this
command is in progress.
The device has an audio sample buffer which feeds the digital to analogue converter. Each time a
Vocoder frame is supplied to the device, the complete frame is decoded and the resultant audio
samples are placed in this buffer. The buffer is large enough to accommodate up to 800 samples.
This is the equivalent of 5 x 20ms Vocoder frames.
The device will notify the host that Vocoder data is wanted when the number of samples in the
sample buffer is less than the low watermark value by setting bit 8 (VDW) in the STATUS register
($40).
If interrupts are enabled for this bit, IRQN will also go low.
Once notified, no other
notification will occur until the number of samples in the sample buffer is greater than or equal to
the high watermark.
If notification of Vocoder-Data-Wanted is required, these two watermark values must be explicitly
set after a device reset. There are no defaults for these values. See also section 6.7.
Bits 0 to 10
This value sets the number of samples for either low or high watermark.
Watermark
Bits 11 to 14
These bits are reserved and should be cleared to '0' for correct device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com