Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 53 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 53 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 49Page - CML Microcircuits CMX608 Datasheet HTML 50Page - CML Microcircuits CMX608 Datasheet HTML 51Page - CML Microcircuits CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits CMX608 Datasheet HTML 54Page - CML Microcircuits CMX608 Datasheet HTML 55Page - CML Microcircuits CMX608 Datasheet HTML 56Page - CML Microcircuits CMX608 Datasheet HTML 57Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
53
D/608_18_38/11
STATUS register address $40
15
14
13
12
11
10
9
8
RDY
SVC
X
X
X
X
X
VDW
7
6
5
4
3
2
1
0
X
PLV
X
X
X
DFDA
EFDA
VDA
This read-only register indicates that the device has data or needs servicing. The device can be
used in an interrupt driven mode or a polled mode.
If being used in an interrupt driven mode, after a C-BUS interrupt, this register should be read to
establish the reason for the interrupt. An interrupt will only be generated if the corresponding bit of
the IRQENAB register ($1F) is also set to '1'. If the device is being used in a polled mode, then
this register should be read at regular intervals. The register is cleared to '0' after it is read. It is
possible for more than one bit to be set to '1', so each bit should be dealt with as appropriate. Bits
marked 'X' may get set during normal operation. These should be read and ignored.
Bit 0
Vocoder data available. When this bit is set to '1' a packet of encoded voice is
VDA
ready to be read from the ENCFRAME register ($30).
Bit 1
Encoder Frame Data available. When this bit is set to '1', the encoder has
EFDA
finished encoding a 20ms frame and has updated the EFRAMEDATA register
($38), so the host can determine if the frame contained voice, DTMF or a single
tone and obtain any associated data.
Bit 2
Decoder Frame Data available. When this bit is set to '1', the decoder has
DFDA
finished decoding a 20ms frame and has updated the DFRAMEDATA register
($37), so the host can determine if the frame contained voice, DTMF or a single
tone and obtain any associated data.
Bits 3 to 5
These bits have an un-defined state.
Bit 6
Peak Level sample for the last 20ms frame available. When this bit is set to '1', the
PLV
peak sample value for the last 20ms frame of encoded audio has been updated.
This value may be read from the PLEVEL ($31) register.
Bit 7
This bit has an un-defined state.
Bit 8
Vocoder Data Wanted. When this bit is set to '1' the device is ready to accept
VDW
another packet of data for decoding. Prior to entering decode mode, the high and
low watermarks should be programmed into VDWHLWM register ($1E) and the
Vocoder Data Wanted bit (DVDW) should be set to '1' in the VCTRL register
($11).
Bits 9 to 13
These bits have an un-defined state.
Bit 14
Service. When this bit is set to '1' it indicates that the device has completed a
SVC
service request and that the status of the request can be read from the SVCACK
($2E) register. This bit is also used to indicate that a write to the DTMFATTEN
($0A) register has completed. In this latter case, the SVCACK register need not be
read.
Bit 15
Ready. When this bit is set to '1' it indicates that the device is ready to accept
RDY
commands after certain time consuming operations. This bit will be set to '1' after
the following operations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com