Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 28 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 28 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 24Page - CML Microcircuits CMX608 Datasheet HTML 25Page - CML Microcircuits CMX608 Datasheet HTML 26Page - CML Microcircuits CMX608 Datasheet HTML 27Page - CML Microcircuits CMX608 Datasheet HTML 28Page - CML Microcircuits CMX608 Datasheet HTML 29Page - CML Microcircuits CMX608 Datasheet HTML 30Page - CML Microcircuits CMX608 Datasheet HTML 31Page - CML Microcircuits CMX608 Datasheet HTML 32Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
28
D/608_18_38/11
Format 2
This format corresponds with the row and column layout of a standard telephone keypad
matrix. This format is used when bit 7 of the VCFG register ($07) is set to '1'.
1209Hz
1336Hz
1477Hz
1633Hz
Row Index
Bit 3:2
697Hz
1
2
3
A
0
770Hz
4
5
6
B
1
852Hz
7
8
9
C
2
941Hz
*
0
#
D
3
Column Index
Bit 1:0
0
1
2
3
Table 3 Standard DTMF Keypad Layout
This results in the following table in ascending numerical order for the bit patterns.
Bit 3
Bit 2
Bit 1
Bit 0
Symbol
0
0
0
0
1
0
0
0
1
2
0
0
1
0
3
0
0
1
1
A
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
B
1
0
0
0
7
1
0
0
1
8
1
0
1
0
9
1
0
1
1
C
1
1
0
0
*
1
1
0
1
0
1
1
1
0
#
1
1
1
1
D
Table 4 DTMF - Format 2
5.8.
Operation with STD (Single Tones)
The CMX608, CMX618 and CMX638 (in half-duplex mode only) can be enabled to send or receive single
tones. This facility is not available when the CMX638 is used in full-duplex mode.
The STD generators and detectors are provided so that commonly encountered tones can be reproduced
naturally at the other end of a Vocoded link, rather than being interpreted as a form of speech. They should
not be relied upon to provide an error free method of relaying tone signalling to other decoders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com