Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 2Page - CML Microcircuits CMX608 Datasheet HTML 3Page - CML Microcircuits CMX608 Datasheet HTML 4Page - CML Microcircuits CMX608 Datasheet HTML 5Page - CML Microcircuits CMX608 Datasheet HTML 6Page - CML Microcircuits CMX608 Datasheet HTML 7Page - CML Microcircuits CMX608 Datasheet HTML 8Page - CML Microcircuits CMX608 Datasheet HTML 9Page - CML Microcircuits CMX608 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
6
D/608_18_38/11
3.
Signal List
CMX608/
CMX618/
CMX638
L4/Q3
Signal
Description
Pin No.
Name
Type
1
AVDD
Power
CMX618/CMX638: Analogue Positive Power Supply 3.3V
CMX608: Not used (connect to IOVDD)
2
AVSS
Power
CMX618/CMX638: Analogue Negative Power Supply 0V
CMX608: Not used (connect to VSS)
3
BIAS
Analogue
Output
CMX618/CMX638: Analogue Bias (approximately 1.65 Volts)
CMX608: Not used (leave unconnected)
4
VSSREF
Power
CMX618/CMX638: Analogue Negative Reference
CMX608: Not used (connect to VSS)
5
INPUT P
Analogue
Input
CMX618/CMX638: Audio CODEC Positive Input (self biased)
CMX608: Not used (leave unconnected)
6
INPUT N
Analogue
Input
CMX618/CMX638: Audio CODEC Negative Input (self biased)
CMX608: Not used (leave unconnected)
7
AVDD
Power
CMX618/CMX638: Analogue Positive Power Supply 3.3V
CMX608: Not used (connect to IOVDD)
8
AVSS
Power
CMX618/CMX638: Analogue Negative Power Supply 0V
CMX608: Not used (connect to VSS)
9
VSSPA
Power
CMX618/CMX638: Output Amplifier Negative Power Supply 0V
CMX608: Not used (connect to VSS)
10
OUT P
Analogue
Output
CMX618/CMX638: Audio CODEC – Amplifier Positive Output
CMX608: Not used (leave unconnected)
11
OUT N
Analogue
Output
CMX618/CMX638: Audio CODEC – Amplifier Negative Output
CMX608: Not used (leave unconnected)
12
VDDPA
Power
CMX618/CMX638: Output Amplifier Positive Power Supply 3.3V
CMX608: Not used (connect to IOVDD)
13
VDD
Power
Digital Positive Power Supply 1.8V
14
IOVDD
Power
Digital I/O Positive Power Supply 3.3V
15
SDI
Digital Input
SSP port serial data input
CODEC PORT
16
SDO
Digital
Output
SSP port serial data output
17
SCLK
Digital Input
SSP port serial clock input
18
STRB
Digital Input
SSP port serial strobe input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com