Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 39 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 39 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits CMX608 Datasheet HTML 39Page - CML Microcircuits CMX608 Datasheet HTML 40Page - CML Microcircuits CMX608 Datasheet HTML 41Page - CML Microcircuits CMX608 Datasheet HTML 42Page - CML Microcircuits CMX608 Datasheet HTML 43Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
39
D/608_18_38/11
IRQN will go low. The SVCACK register ($2E) will contain the status value, indicating whether the
write to this register was successful. No other C-BUS registers should be read from or written to
whilst this command is in progress. Writing reserved values will result in an error status being
returned in the SVCACK register.
SEL1 / SEL0 = '00' - Output ports
7
6
5
4
3
2
1
0
0
0
0
0
0
0
REC
EEC
This sub-register allows direct control of the two output ports, EEC and REC. Whilst these output
ports can be used as general output ports, REC is intended to control the RESET of an external
CODEC and EEC is intended to control an ENABLE, if one is available.
Bit 0
EEC (Enable External CODEC)
Setting this bit to '1' causes the EEC port to go high.
Clearing this bit to '0' causes the EEC port to go low.
Bit 1
REC (Reset External CODEC)
Setting this bit to '1' causes the REC port to go high.
Clearing this bit to '0' causes the REC port to go low.
Bits 5-2
Reserved
These bits should be cleared to '0' for correct device operation.
SEL1 / SEL0 = '01' - Select CODEC
7
6
5
4
3
2
1
0
0
1
0
0
CODEC
This sub-register controls the basic settings of the SSP (Synchronous Serial Port).
Bits 3-0
CODEC
This field specifies the type of external CODEC to be used. Bit 3 is the msb.
0 Reserved
1 CODEC_GENERIC1
This specifies a CODEC that samples its data on the positive edge of SCLK. The SSP's output
FIFO will not be primed.
2 CODEC_GENERIC2
This specifies a CODEC that samples its data on the positive edge of SCLK. The SSP's output
FIFO will be primed.
3 CODEC_GENERIC3
This specifies a CODEC that samples its data on the negative edge of SCLK. The SSP's output
FIFO will not be primed.
4 CODEC_GENERIC4
This specifies a CODEC that samples its data on the negative edge of SCLK. The SSP's output
FIFO will be primed.
5 CODEC_PCM3500 - Burr-Brown PCM3500
This specifies a setting suitable for the PCM3500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com