Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 15 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 11Page - CML Microcircuits CMX608 Datasheet HTML 12Page - CML Microcircuits CMX608 Datasheet HTML 13Page - CML Microcircuits CMX608 Datasheet HTML 14Page - CML Microcircuits CMX608 Datasheet HTML 15Page - CML Microcircuits CMX608 Datasheet HTML 16Page - CML Microcircuits CMX608 Datasheet HTML 17Page - CML Microcircuits CMX608 Datasheet HTML 18Page - CML Microcircuits CMX608 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
15
D/608_18_38/11
5.2.
Encoder
The encoder deals with a basic frame size of 20ms, 160 samples, of audio. 1, 2, 3, or 4 frames may be
collected together and supplied to the host as a single packet. In the case of the 3 and 4 frame packets,
error protection may also be added with the FEC option. The encoder can also detect single tones (STD)
and/or DTMF in the audio stream.
If detected, special frames are produced which the decoder will
recognise and deal with accordingly.
The exact rate at which packets are produced is dependant on the accuracy of the CODEC's sample rate.
The nominal rate is every 20ms, or a multiple thereof, depending on the number of frames that make up
the packet. For instance, a packet of 3 frames with FEC will be produced every 60ms. The algorithm used
to encode voice has algorithmic jitter, i.e. it does not take the same amount of time to encode each frame.
Some frames will take longer than others, consequently, the exact time that a packet will be available is
not predictable. The encoder will notify the host as soon as a packet becomes available. Over a period of
time the average rate will be every 20ms (or a multiple thereof) according to the CODEC's sample rate.
Once a packet of data becomes available, the host may read it straight away, or it can wait for a period of
time. The packet will remain available until the next one is produced.
5.2.1.
Single Frame Packet, without FEC, STD or DTMF
This is the simplest and most basic configuration. The encoder will produce a one-frame raw Vocoder
packet every 20ms. Once the encode instruction is given, the device will collect 20ms (160 samples) worth
of audio. These 160 samples will be given to the encoder to process. The processing of these samples will
take no more than 15ms, therefore the first packet of data will be available no later than 35ms after the
device was instructed to encode.
There are two basic strategies that can be adopted for servicing the encoder:
Event-driven
The host may use the C-BUS interrupt, IRQN, or poll the STATUS register, then read the Vocoder packet
as soon as it becomes available. This is signified by bit 0 (VDA) of the STATUS register being set to '1'.
The host may then choose to hold the packet in a buffer until the correct time to process it arrives. In the
case of a voice recorder, the packet could be put into a storage device immediately. In the case of some
sort of transmission (radio or network), the packet may be held until the correct time-slot arrives.
Timed
Assuming the host has an accurate 20ms timer derived from the same master clock as that supplied to the
audio CODEC (this could be the Vocoder device, or an external CODEC), wait for a timer event and then
instruct the device to encode. Wait for two more timer events, then read the first Vocoder packet. For
every subsequent timer event, read another Vocoder packet. Figure 8 shows the sequence of events.
Figure 8 Single Frame Packet Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com