Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 34 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 34 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 30Page - CML Microcircuits CMX608 Datasheet HTML 31Page - CML Microcircuits CMX608 Datasheet HTML 32Page - CML Microcircuits CMX608 Datasheet HTML 33Page - CML Microcircuits CMX608 Datasheet HTML 34Page - CML Microcircuits CMX608 Datasheet HTML 35Page - CML Microcircuits CMX608 Datasheet HTML 36Page - CML Microcircuits CMX608 Datasheet HTML 37Page - CML Microcircuits CMX608 Datasheet HTML 38Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
34
D/608_18_38/11
AOG register address $06 (CMX618/CMX638 only. No function on CMX608.)
7
6
5
4
3
2
1
0
OUTPUT GAIN SWITCH
0
0
0
OUTPUT GAIN
This is the analogue output gain control register. The output level should be chosen to avoid
unnecessary distortion in the output amplifier. This gain block follows the DAC, which is a sigma-
delta design with a sampling frequency of 2.4MHz and an on-chip reconstruction filter. An external
RC filter could be added across the OUTP and OUTN pins, if clock noise needs further reduction.
Bits 0 to 3
These bits control the output gain stage according to the following table:
OUTPUT
GAIN
Bit 3
Bit 2
Bit 1
Bit 0
Gain (dB)
0
0
0
0
-14 (default)
0
0
0
1
-12
0
0
1
0
-10
0
0
1
1
-8
0
1
0
0
-6
0
1
0
1
-4
0
1
1
0
-2
0
1
1
1
0
1
0
0
0
2
1
0
0
1
4
1
0
1
0
6
1
0
1
1
8
1
1
0
0
10
1
1
0
1
12
1
1
1
0
14
1
1
1
1
16
Bits 4 to 6
These bits are unused and should be cleared to '0'.
Bit 7
A '0' in this bit sets the earpiece gain to 0dB. A '1' in this bit sets the earpiece gain
OUTPUT
to +6dB. A further 6dB of gain can be achieved by using both audio outputs. As
GAIN
these outputs are in anti-phase, connecting the earpiece across them will provide
SWITCH
6dB more gain, as well as saving a dc blocking capacitor. See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com