Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX608 Datasheet(PDF) 69 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 69 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 62Page - CML Microcircuits CMX608 Datasheet HTML 63Page - CML Microcircuits CMX608 Datasheet HTML 64Page - CML Microcircuits CMX608 Datasheet HTML 65Page - CML Microcircuits CMX608 Datasheet HTML 66Page - CML Microcircuits CMX608 Datasheet HTML 67Page - CML Microcircuits CMX608 Datasheet HTML 68Page - CML Microcircuits CMX608 Datasheet HTML 69Page - CML Microcircuits CMX608 Datasheet HTML 70Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
69
D/608_18_38/11
Depending on the method of lead termination at the edge of the package, pull back (L1) may be present.
L minus L1 to be equal to, or greater than 0.3mm
The underside of the package has an exposed metal pad which should ideally be soldered to the pcb to enhance the thermal
conductivity and mechanical strength of the package fixing. Where advised, an electrical connection to this metal pad may also
be required
A
B
C
H
TYP.
MAX.
MIN.
DIM.
J
1.00
0.80
0.05
0.30
0.00
0.18
7.00 BSC
7.00 BSC
*
*
NOTE :
*
All dimensions in mm
Angles are in degrees
A & B are reference data and do
not include mold deflash or protrusions.
F
5.65
4.60
G
5.65
4.60
L
0.50
0.30
Index Area 1
Dot
Index Area 2
Dot
Chamfer
Index Area 1 is located directly above Index Area 2
P
T
0.50
0.20
L1
0.15
0
Exposed
Metal Pad
K
0.20
0.90
0.25
0.40
Figure 23 48-pin VQFN Mechanical Outline (Q3)
Order as part no. CMX608/CMX618/CMX638Q3
As package dimensions may change after publication of this datasheet, it is recommended that you check
for the latest Packaging Information from the Datasheets page of the CML website:
[http://www.cmlmicro.com/].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com