Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 155 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 155 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 151Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 152Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 153Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 154Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 155Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 156Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 157Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 158Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.8.3.4
PLL1 PLL Multiply Control Register (PLLM)
The PLL multiplier control register (PLLM) defines the input reference clock frequency multiplier. The
multiplier should be chosen such that the output frequency should not exceed device frequency; i.e., no
more than 700 MHz for the 700-MHz device. The PLLM register is shown in Figure 7-16 and described in
Table 7-23.
31
5
4
0
Reserved
PLLM
R-0
R/W-13h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-17. PLL Multiply Control Register (PLLM)
Table 7-23. PLL Multiply Control Register (PLLM) Field Descriptions
Bit
Field
Value
Description
31:5
Reserved
Reserved.
4:0
PLLM
PLL1 Multiplier Bits
Defines the frequency multiplier of the input reference clock (CLKIN1).
09h - 1Fh
x10 - x32 multiplier rate (multiplier is value + 1)
7.8.3.5
PLL1 PLL Controller Divider Register (PLLDIV10)
The (SYSREFCLK) frequency is divided by PLLDIV10 to get SYSCLK10. The PLL controller divider
register (PLLDIV10) is shown in Figure 7-18 and described in Table 7-24.
31
16
Reserved
R-0
15
14
5
4
0
DnEN
Reserved
RATIO
R/W-1
R-0
R/W-3
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-18. PLL Controller Divider Register (PLLDIV10)
Table 7-24. PLL Controller Divider Register (PLLDIV10) Field Descriptions
Bit
Field
Value
Description
31:16
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
15
DnEN
Divider Dn enable bit.
0
Divider n is disabled. No clock output.
1
Divider n is enabled.
14:5
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
4:0
RATIO
0-1Fh
Divider ratio bits.
0
Reserved
1h
Reserved
2h-1Fh
÷3 to ÷32. Divide frequency by 3 to divide frequency by 32.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
155
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com