Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 148Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 149Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 150Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 151Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 152Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 153Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 154Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-18. PLL1 Clock Frequency Ranges
REQUIRED FREQUENCY
REQUIRED FREQUENCY
REQUIRED FREQUENCY
CLOCK SIGNAL
UNIT
FOR 500-MHz OPERATION
FOR 625-MHz OPERATION
FOR 700-MHz OPERATION
CLKIN1
15.625 - 50.0
19.531 - 50.0
21.875 - 50.0
MHz
SYSCLK1
500.0
625.0
700.0
MHz
SYSCLK2
500.0
625.0
700.0
MHz
SYSCLK3
500.0
625.0
700.0
MHz
SYSCLK4
500.0
625.0
700.0
MHz
SYSCLK5
500.0
625.0
700.0
MHz
SYSCLK6
500.0
625.0
700.0
MHz
SYSCLK7
166.7
208.4
233.3
MHz
SYSCLK8
83.3
104.1
116.7
MHz
SYSCLK9
250.0
312.5
350.0
MHz
SYSCLK10
166.7(1)
208.4(1)
233.3(1)
MHz
(1)
This frequency may be changed by reprogramming SYSCLK10.
7.8.1.2
PLL1 Controller Operating Modes
The PLL1 controller has two modes of operation: bypass mode and PLL mode. The mode of operation is
determined by the PLLEN bit of the PLL control register (PLLCTL). In PLL mode, SYSREFCLK is
generated from the device input clock, CLKIN1, using the the PLL multiplier, PLLM. In bypass mode,
CLKIN1 is fed directly to SYSREFCLK. All hosts (HPI, etc.) must hold off accesses to the DSP while the
frequency of its internal clocks is changing. A mechanism must be in place such that the DSP notifies the
host when the PLL configuration has completed.
The PLL3 controller provides the control to reset PLL3. It is also capable of placing it in a power-down
condition for systems where DDR2 EMIF is not being used.
7.8.1.3
PLL1 Stabilization, Lock, and Reset Times
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after device powerup. The PLL output should not be used until this stabilization time has
expired. The PLL reset time is the amount of wait time needed when resetting the PLL (writing PLLRST =
1), in order for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For
the PLL1 reset time value, see Table 7-19.The PLL lock time is the amount of time needed from when the
PLL is taken out of reset (PLLRST = 1 with PLLEN = 0) to when the PLL controller can be switched to PLL
mode (PLLEN=1). The PLL1 lock time is given in Table 7-19.
Table 7-19. PLL1 Stabilization, Lock, and Reset Times
MIN
TYP
MAX
UNIT
PLL1 stabilization time
50
μs
PLL1 lock time
2000 * C(1)
ns
PLL1 reset time
256 * C(1)
ns
(1)
C = CLKIN1 cycle time in ns. For example, when CLKIN1 frequency is 50 MHz, use C = 20 ns.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
151
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com