Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 147 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 143Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 144Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 145Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 146Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 148Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 149Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 150Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 269 page
background image
1,2
3
4
PORRESET
,
BootPins
RESETSTAT
5
POR
RESET
(A)
RESETSTAT
BootandDevice
ConfigurationPins
2
5
3
4
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-14. Timing Requirements for Reset(1)
(see Figure 7-10 and Figure 7-11)
500/625/700
NO.
UNIT
MIN
MAX
20(2)
1
tw(POR)
Width of the POR pulse
μs
256D(3)
20(2)
2
tw(RST)
Width of the RESET pulse
μs
24C
3
tsu(boot)
Setup time, boot configuration bits valid before POR or RESET high
12C
ns
4
th(boot)
Hold time, boot configuration bits valid after POR or RESET high
20
ns
(1)
P = 1/CPU clock frequency in nanoseconds (ns); C = 1/CLKIN1 clock frequency in ns; D = 1/CLKIN* clock frequency in ns, where * is
the slowest of CLKIN1, CLKIN2, or CLKIN3.
(2)
No external pulls on GPIO.
(3)
With board assistance to reduce the RC time constant.
Table 7-15. Switching Characteristics Over Recommended Operating Conditions for Reset
(see Figure 7-10 and Figure 7-11)
500/625/700
NO.
UNIT
MIN
MAX
5
td(PORH-RSTATH)
Delay time, POR high and/or RESET high to RESETSTAT high
15000C
ns
Figure 7-10. Power-on Reset Timing
A.
RESET should only be used after device has been powered up.
Figure 7-11. Warm Reset Timing
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
147
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com