Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 139Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 140Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 141Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 142Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 143Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 144Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 145Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 146Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
– The RESETSTAT pin becomes active (low), indicating the device is in reset.
2. The RESET pin may now be released (driven inactive high). When the RESET pin is released, the
configuration pin values are latched and the PLL controllers immediately change their system clocks to
their default divide-down values. Other device initialization is also started.
3. After device initialization is complete, the RESETSTAT pin goes inactive (high).
4. The device is now out of reset, device execution begins as dictated by the selected boot mode (see
Section 2.4, Boot Mode Sequence).
NOTE
The POR pin should be held inactive (high) throughout the Warm Reset sequence.
Otherwise, if POR is activated (brought low), the minimum POR pulse width must be met.
The RESET pin should not be tied together with the POR pin.
7.7.3
System Reset
System Reset is initiated by:
•
The emulator
•
The local watchdog timeout (when Reset mux is configured to route this as System Reset)
A System Reset maintains memory contents and does not reset the clock logic or the emulation circuitry.
The device configuration pins are also not re-latched and the state of the peripherals (enabled/disabled) is
also not affected. A System Reset is initiated by the emulator or watchdog timer. For information on how
to configure the action corresponding to a watchdog timeout, see Section 3.8.2, Reset Mux Registers.
During a System Reset, the following happens:
1. The reset is allowed to propagate through the system. Internal system clocks are not affected.
2. The PLL controllers retain their configuration. The PLLs also remain locked.
3. The RESETSTAT pin goes low to indicate an internal reset is being generated.
4. The boot sequence is started after the system clocks are re-aligned. Since the configuration pins
(including the BOOTMODE[3:0] pins) are not latched with a System Reset, the previous values, as
shown in the DEVSTAT register, are used to select the boot mode.
NOTE
A System Reset should not be used if the peripheral used for boot loading was disabled
following boot.
7.7.4
Local Reset
The Local Reset provides a local reset to the C64x+ megamodule, without destroying clock alignment or
memory contents. It does not affect any chip components. Local reset is initiated by asserting the LRESET
input (low), selecting the intended C64x+ megamodule(s) with the CORESEL[2:0] inputs, and then
latching it with the rising LRESETNMIEN input. The C64x+ megamodule(s) are held in reset until LRESET
input is latched high by the rising LRESETNMIEN input while selecting the intended C64x+ megamodule
with the CORESEL[2:0] inputs. Therefore, to assert and de-assert LRESET, two LRESETNMIEN pulses
are required where the first latches LRESET low and the second latches LRESET high. Timing
requirements for Local Reset can be found in Table 7-16 and Figure 7-12.
The external system is not notified of this reset. Once LRESET is deasserted, C64x+ megamodule goes
through a local boot sequence. In certain cases, a watchdog timeout may also cause a local reset of an
individual C64x+ megamodule. For information on how to configure the action corresponding to a
watchdog timeout, see Section 3.8.2, Reset Mux Registers.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
143
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com