Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 140 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 136Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 137Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 138Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 139Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 140Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 141Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 142Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 143Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 269 page
background image
1
HOUT
(output)
2
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.6.2
NMI Pin-Generated Interrupts
An NMI interrupt may be asserted to individual C64x+ megamodules from the device pins. The NMI
interrupt is initiated by asserting the NMI input (low), selecting the intended C64x+ megamodule(s) with
the CORESEL[2:0] inputs, and then latching it with the rising LRESETNMIEN input. The NMI interrupt
input must be removed (or de-asserted) from the C64x+ megamodule. This is done by the NMI pin being
latched high by the rising LRESETNMIEN input while selecting the intended C64x+ megamodule with the
CORESEL[2:0] inputs. Therefore, to assert and de-assert NMI, two LRESETNMIEN pulses are required
where the first latches NMI low and the second latches NMI high. Timing requirements for NMI can be
found in Table 7-16 and Figure 7-12.
7.6.3
GPIO Pin-Generated Interrupts
The C6472 device has 16 GPIOs. All GPIOs can be configured to generate interrupts. GPIO0-5 provide
interrupts that are assigned one per core. Interrupts from GPIO6-15 are available to all cores. GPIO0-7
are also provided as event inputs to the EDMA. Timing for the GPIO interrupts can be found in
Table 7-152 and Figure 7-65.
7.6.4
Host and Inter-DSP Interrupts
The C64x+ megamodules can assert an event to a host processor using HOUT. Table 7-11 provides the
timing for the HOUT pulses. The external host or any of the six C64x+ megamodules can generate
interrupts to other C64x+ megamodules. For more details, see Section 3.7.
Table 7-11. Switching Characteristics Over Recommended Operating Conditions for HOUT External
Event(1)
(see Figure 7-7)
500/625/700
NO.
UNIT
MIN
TYP
MAX
1
tw(HOUTH)
HOUT pulse duration high
24P
ns
2
tw(HOUTL)
HOUT pulse duration low
24P
ns
(1)
P = 1/CPU clock frequency in nanoseconds (ns).
Figure 7-7. HOUT External Event
140
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com