Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 135Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 136Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 137Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 138Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 139Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 140Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 141Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 142Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-10. C6472 DSP Interrupts (continued)
EVENT NUMBER
INTERRUPT EVENT
INTERRUPT SOURCE
81
GPINT13
GPIO Interrupt
82
GPINT14
GPIO Interrupt
83
GPINT15
GPIO Interrupt
84
IPC_LOCAL
Inter-DSP Interrupt (from IPCGRx register)
85
HPI_INT
Host Common Interrupt (from DSPINT bit of the HPIC register)
86
Reserved
87
CPUINT0
Interrupt from CPU0
88
CPUINT1
Interrupt from CPU1
89
CPUINT2
Interrupt from CPU2
90
CPUINT3
Interrupt from CPU3
91
CPUINT4
Interrupt from CPU4
92
CPUINT5
Interrupt from CPU5
93
L2PDWAKE
L2 Wake Interrupt
94 - 95
Reserved
96(5)
INTERR
Dropped CPU Interrupt Event
97(5)
EMC_IDMAERR
Invalid IDMA Parameters
98(5)
PBISTINT
PBIST Interrupt
99 - 112
Reserved
113(5)
PMC_ED
Single Bit Error Detected During DMA Read
114 - 115
Reserved
116(5)
UMC_ED1
Corrected Bit Error Detected
117(5)
UMC_ED2
Uncorrected Bit Error Detected
118(5)
PDC_INT
Power Down Sleep Interrupt
119
Reserved
120(5)
PMC_CMPA
CPU Memory Protection Fault
121(5)
PMC_DMPA
DMA Memory Protection Fault
122(5)
DMC_CMPA
CPU Memory Protection Fault
123(5)
DMC_DMPA
DMA Memory Protection Fault
124(5)
UMC_CMPA
CPU Memory Protection Fault
125(5)
UMC_DMPA
DMA Memory Protection Fault
126(5)
EMC_CMPA
CPU Memory Protection Fault
127(5)
EMC_BUSERR
Bus Error Interrupt
(5)
This system event is generated from within the C64x+ megamodule.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
139
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com