Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 137 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 133Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 134Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 135Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 136Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 137Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 138Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 139Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 140Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.6
Interrupts
7.6.1
Interrupt Sources and Interrupt Controller
The CPU interrupts on the C6472 device are configured through the C64x+ megamodule interrupt
controller. The interrupt controller allows for up to 128 system events to be programmed to any of the
twelve CPU interrupt inputs, the CPU exception input, or the advanced emulation logic. Table 8-4 shows
the mapping of system events to the interrupt controller inputs. Event numbers 0-31 correspond to the
default interrupt mapping of the device. The remaining events must be mapped using software.
For more information on the Interrupt Controller, see the TMS320C64x+ DSP Megamodule Reference
Guide (literature number SPRU871).
Table 7-10. C6472 DSP Interrupts
EVENT NUMBER
INTERRUPT EVENT
INTERRUPT SOURCE
0(1)
EVT0
Event Combiner 0 Output
1(1)
EVT1
Event Combiner 1 Output
2(1)
EVT2
Event Combiner 2 Output
3(1)
EVT3
Event Combiner 3 Output
4(2)
RIOINT_LOCAL
RapidIO Individual Interrupt
5
MACRXINT0
Ethernet MAC0 Receive Interrupt
6
MACTXINT0
Ethernet MAC0 Transmit Interrupt
7
MACRXINT1
Ethernet MAC1 Receive Interrupt
8
MACTXINT1
Ethernet MAC1 Transmit Interrupt
ECM Interrupt for:
•
Host scan access
9(1)
EMU_D
•
DTDMA transfer complete
•
AET interrupt
10
Reserved
11(1)
EMU_RTDXRX
RTDX Receive Complete
12(1)
EMU_RTDXTX
RTDX Transmit Complete
13(1)
IDMA0
IDMA Channel 0 Interrupt
14(1)
IDMA1
IDMA Channel 1 Interrupt
15(3)
EDMA3CCINT_LOCAL
EDMA3CC Individual Completion Interrupt
16
TINTL
Local Timer Interrupt Low
17
TINTH
Local Timer Interrupt High
18
TINT6L
Timer 6 Interrupt Low
19
TINT6H
Timer 6 Interrupt High
20
TINT7L
Timer 7 Interrupt Low
21
TINT7H
Timer 7 Interrupt High
22
TINT8L
Timer 8 Interrupt Low
23
TINT8H
Timer 8 Interrupt High
24
TINT9L
Timer 9 Interrupt Low
25
TINT9H
Timer 9 Interrupt High
26
TINT10L
Timer 10 Interrupt Low
27
TINT10H
Timer 10 Interrupt High
28
TINT11L
Timer 11 Interrupt Low
29
TINT11H
Timer 11 Interrupt High
30
PRINT
UTOPIA-PDMA Receive Interrupt
31
PXINT
UTOPIA-PDMA Transmit Interrupt
(1)
This system event is generated from within the C64x+ megamodule.
(2)
RIO_INT0 to RIO_INT5 are routed to Core0 to Core5, respectively.
(3)
EDMA3CC_INT0 (MASK 0) to EDMA3CC_INT5 (MASK 5) are routed to Core0 to Core5, respectively.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
137
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com