Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6472ECTZ Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 140Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 141Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 142Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 143Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 144Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 145Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 146Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.7.5
Module Reset
Module reset is initiated by LPSC and only resets the module controlled by that LPSC. To prevent stalls,
care must be taken when using this reset.
7.7.6
Reset Priority
If any of the above reset sources occur simultaneously, the PLLCTRL only processes the highest priority
reset request. The rest request priorities are as follows (high to low):
•
Power-on Reset
•
Warm Reset
•
System Reset
•
Local Reset
7.7.7
Reset Controller Register
The reset type status (RSTYPE) register (029A 00E4) is the only register for the reset controller. This
register falls in the same memory range as the PLL1 controller registers [029A 0000 - 029A 01FF].
7.7.7.1
Reset Type Status Register Description
The rest type status (RSTYPE) register latches the cause of the last reset. If multiple reset sources occur
simultaneously, this register latches the highest priority reset source. The reset type status register is
shown in Figure 7-8 and described in Table 7-13.
31
16
Reserved
R-0
15
4
3
2
1
0
Reserved
SRST
Rsvd
WRST
POR
R-0
R-x
R-0
R-x
R-x
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-8. Reset Type Status Register (RSTYPE) [Hex Address: 029A 00E4]
Table 7-13. Reset Type Status Register (RSTYPE) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
3
SRST
System reset.
0
System Reset was not the last reset to occur.
1
System Reset was the last reset to occur.
2
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
1
WRST
Warm reset.
0
Warm Reset was not the last reset to occur.
1
Warm Reset was the last reset to occur.
0
POR
Power-on reset.
0
Power-on Reset was not the last reset to occur.
1
Power-on Reset was the last reset to occur.
144
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com