Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 16Page - National Semiconductor (TI) PC87373 Datasheet HTML 17Page - National Semiconductor (TI) PC87373 Datasheet HTML 18Page - National Semiconductor (TI) PC87373 Datasheet HTML 19Page - National Semiconductor (TI) PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) PC87373 Datasheet HTML 22Page - National Semiconductor (TI) PC87373 Datasheet HTML 23Page - National Semiconductor (TI) PC87373 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
20
www.national.com
Revision 1.1
1.4.5
Keyboard and Mouse Controller (KBC)
1.4.6
Game Port (GMP)
1.4.7
Musical Instrument Digital Interface (MIDI) Port
Signal
Pin(s)
I/O Buffer Type Power Well
Description
KBCLK
3
I/O
INTS/OD14
VDD3
Keyboard Clock. Keyboard clock signal. External pull-up resistor
is required for PS/2 compliance. This pin is monitored during
VDD3 power-off for wake-up event detection.
KBDAT
4
I/O
INTS/OD14
VDD3
Keyboard Data. Keyboard data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MCLK
1
I/O
INTS/OD14
VDD3
Mouse Clock. Mouse clock signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MDAT
2
I/O
INTS/OD14
VDD3
Mouse Data. Mouse data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
KBRST
7
I/O
INT/OD8,
O4/8
VDD3
KBD Reset. Keyboard reset (P20) quasi-bidirectional output.
GA20
5
I/O
INT/OD8,
O4/8
VDD3
Gate A20. KBC gate A20 (P21) quasi-bidirectional output.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
JYAX
123
I/O
INGP/OD12
VDD3
Joystick A X-Axis. Indicates X-axis position of joystick A.
JYAY
117
I/O
INGP/OD12
VDD3
Joystick A Y-Axis. Indicates Y-axis position of joystick A.
JYABT0
113
I
INTS
VDD3
Joystick A Button 0. Indicates button 0 status of joystick A.
JYABT1
114
I
INTS
VDD3
Joystick A Button 1. Indicates button 1 status of joystick A.
JYBX
118
I/O
INGP/OD12
VDD3
Joystick B X-Axis. Indicates X-axis position of joystick B.
JYBY
120
I/O
INGP/OD12
VDD3
Joystick B Y-Axis. Indicates Y-axis position of joystick B.
JYBBT0
115
I
INTS
VDD3
Joystick B Button 0. Indicates button 0 status of joystick B.
JYBBT1
116
I
INTS
VDD3
Joystick B Button 1. Indicates button 1 status of joystick B.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
MDTX
88
O
O4/8
VDD3
MIDI Transmit. MIDI serial data output.
MDRX
90
I
INTS
VDD3
MIDI Receive. MIDI serial data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com