Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 39Page - National Semiconductor (TI) PC87373 Datasheet HTML 40Page - National Semiconductor (TI) PC87373 Datasheet HTML 41Page - National Semiconductor (TI) PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) PC87373 Datasheet HTML 45Page - National Semiconductor (TI) PC87373 Datasheet HTML 46Page - National Semiconductor (TI) PC87373 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
43
www.national.com
Revision 1.1
3.6 REGISTER TYPE ABBREVIATIONS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (data written to this address is sent to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
In the registers below, use one of the following methods to handle the reserved bits:
q
Write 0 to reserved bits, unless another “required value” is specified. This method can be used for registers contain-
ing bits of all types.
q
Use read-modify-write to preserve the values of the reserved bits. This method can be used only for registers con-
taining bits of R/W, RO, R/W1C and R/W1S types.
3.7 PC87373 CONFIGURATION REGISTERS
This section describes the PC87373 configuration and ID registers (i.e., registers with first level indexes in the range of
20h
−2Fh). See Table 15 for a summary and directory of these registers.
3.7.1
SuperI/O ID Register (SID)
This register contains the identity number of the device family. The PC87373 family is identified by the value F3h.
Power Well: VSB3
Location:
Index 20h
Type:
RO
Table 15. SuperI/O Configuration Registers
Index
Mnemonic
Register Name
Power Well
Type
Section
20h
SID
SuperI/O ID
VSB3
RO
3.7.13.7.1
21h
SIOCF1
SuperI/O Configuration 1
VDD3
Varies per bit
3.7.2
22h
SIOCF2
SuperI/O Configuration 2
VSB3
R/W or RO
3.7.3
23h
SIOCF3
SuperI/O Configuration 3
VSB3
R/W or RO
3.7.4
24h
SIOCF4
SuperI/O Configuration 4
VSB3
R/W or RO
3.7.5
25h
Reserved
26h
SIOCF6
SuperI/O Configuration 6
VDD3
Varies per bit
3.7.6
27h
SRID
SuperI/O Revision ID
VSB3
RO
3.7.7
28h
Reserved
29h
CLOCKCF Clock Generator Control
VSB3
Varies per bit
3.7.8
2Ah-2Fh Reserved for National use
Bit
76543210
Name
Family ID
Reset
F3h
Bit
Description
7
−0 Family ID. Identifies a family of devices with similar functionality but with different implemented options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com