Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 68Page - National Semiconductor (TI) PC87373 Datasheet HTML 69Page - National Semiconductor (TI) PC87373 Datasheet HTML 70Page - National Semiconductor (TI) PC87373 Datasheet HTML 71Page - National Semiconductor (TI) PC87373 Datasheet HTML 72Page - National Semiconductor (TI) PC87373 Datasheet HTML 73Page - National Semiconductor (TI) PC87373 Datasheet HTML 74Page - National Semiconductor (TI) PC87373 Datasheet HTML 75Page - National Semiconductor (TI) PC87373 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 174 page
background image
72
www.national.com
Revision 1.1
4.0
LPC Bus Interface
With the exception of the Glue Functions, the host can access all the functional blocks of the PC87373 device through the
LPC bus.
4.1 OVERVIEW
The LPC host interface supports 8-bit I/O Read, 8-bit I/O Write and 8-bit DMA transactions, as defined in Intel’s LPC Interface
Specification, Revision 1.0.
4.2 LPC TRANSACTIONS
The LPC interface of the PC87373 device responds to the following LPC transactions:
• 8-bit I/O read and write cycles
• 8-bit DMA read and write cycles
• DMA request cycles
4.3 LPCPD FUNCTIONALITY
The PC87373 device supports LPCPD functionality. LPCPD is used when the VDD3 power supply is not shared by all the
devices connected to the LPC bus. The LPCPD signal conforms with Intel’s LPC Interface Specification, Revision 1.00. Note
that if the PC87373 power supply is on while LPCPD is active (indicating the LPC bus is powered down), the PC87373 does
not have to be reset when LPCPD is de-asserted (indicating that power is returned to the LPC bus).
When the LPCPD functionality is not required, the LPCPD pin must be left unconnected. Connecting the LPCPD pin to the
VDD3 power supply is not recommended.
4.4 INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request (PIRQ) signals received from internal IRQ sources into serial in-
terrupt request data transmitted over the SERIRQ bus. This enables devices that support only parallel IRQs to be integrated
into a system that supports only serial IRQs like the LPC bus.
Each internal IRQ is fed into a Mapping, Enable and Polarity Control block, which maps the IRQ to its associated IRQ num-
bers (see Table 12 on page 37). The resulting IRQs are then fed into the Interrupt Serializer, where they are translated into
serial data and then transmitted over the SERIRQ bus. Each interrupt number is assigned a time slot in the SERIRQ frame.
Different IRQ sources in the PC87373 device cannot share the same interrupt number and thus cannot share the same time
slot in the SERIRQ frame.
When a transition is detected on an IRQ source, the new value of the IRQ source is transmitted over the SERIRQ bus during
the corresponding IRQ slot. For example, when a transition on the Serial Port IRQ is detected, the new value of the Serial
Port IRQ is transmitted during time slot n of the SERIRQ bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com