Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 2Page - National Semiconductor (TI) PC87373 Datasheet HTML 3Page - National Semiconductor (TI) PC87373 Datasheet HTML 4Page - National Semiconductor (TI) PC87373 Datasheet HTML 5Page - National Semiconductor (TI) PC87373 Datasheet HTML 6Page - National Semiconductor (TI) PC87373 Datasheet HTML 7Page - National Semiconductor (TI) PC87373 Datasheet HTML 8Page - National Semiconductor (TI) PC87373 Datasheet HTML 9Page - National Semiconductor (TI) PC87373 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 174 page
background image
6
www.national.com
Revision 1.1
Table of Contents
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAMS
................................................................................................ 13
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY .................................................................... 14
1.3
PIN MULTIPLEXING ................................................................................................................. 15
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS ................................................................................ 16
1.4.1
LPC Interface ..............................................................................................................16
1.4.2
Serial Port 1 and Serial Port 2 (UART1 and UART2)
............................................. 17
1.4.3
Parallel Port
..............................................................................................................18
1.4.4
Floppy Disk Controller (FDC)
.................................................................................... 19
1.4.5
Keyboard and Mouse Controller (KBC)
..................................................................... 20
1.4.6
Game Port (GMP) ...................................................................................................... 20
1.4.7
Musical Instrument Digital Interface (MIDI) Port ........................................................ 20
1.4.8
General-Purpose I/O (GPIO) ...................................................................................... 21
1.4.9
Fan Speed Control and Monitor (FSCM) ................................................................... 21
1.4.10
System Wake-Up Control (SWC)
.............................................................................. 22
1.4.11
Clocks
..................................................................................................................... 22
1.4.12
Glue Functions ........................................................................................................... 23
1.4.13
Configuration Straps and Testing ............................................................................... 24
1.4.14
Power and Ground
.................................................................................................... 25
1.5
INTERNAL PULL-UP AND PULL-DOWN RESISTORS ............................................................ 25
2.0
Power, Reset and Clocks
2.1
POWER ..................................................................................................................................... 27
2.1.1
Power Planes .............................................................................................................. 27
2.1.2
Power States ...............................................................................................................27
2.1.3
Power Connection and Layout Guidelines .................................................................. 28
2.2
RESET SOURCES AND TYPES ............................................................................................... 29
2.2.1
VBAT Power-Up Reset ................................................................................................. 30
2.2.2
VSB Power-Up Reset .................................................................................................. 30
2.2.3
VDD Power-Up Reset .................................................................................................. 30
2.2.4
Hardware Reset ........................................................................................................... 30
2.2.5
Software Reset ............................................................................................................ 31
2.3
CLOCK DOMAINS ..................................................................................................................... 31
2.3.1
LPC Domain ................................................................................................................ 31
2.3.2
48 MHz Domain ........................................................................................................... 31
2.3.3
32 KHz Domain ........................................................................................................... 32
2.4
TESTABILITY SUPPORT ..........................................................................................................32
2.4.1
ICT ............................................................................................................................... 32
2.4.2
XOR Tree Testing ........................................................................................................ 33
3.0
Device Architecture and Configuration
3.1
OVERVIEW ............................................................................................................................... 34
3.2
CONFIGURATION STRUCTURE AND ACCESS ..................................................................... 34
3.2.1
The Index-Data Register Pair ...................................................................................... 34
3.2.2
Banked Logical Device Registers Structure ................................................................ 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com