Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 19Page - National Semiconductor (TI) PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) PC87373 Datasheet HTML 22Page - National Semiconductor (TI) PC87373 Datasheet HTML 23Page - National Semiconductor (TI) PC87373 Datasheet HTML 24Page - National Semiconductor (TI) PC87373 Datasheet HTML 25Page - National Semiconductor (TI) PC87373 Datasheet HTML 26Page - National Semiconductor (TI) PC87373 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
23
www.national.com
Revision 1.1
1.4.12 Glue Functions
Signal
Pin(s) I/O Buffer Type Power Well
Description
REF5V
70
O
AO
VSB3
Main Highest Active Supply, Reference Output.
Reference voltage equal to the highest voltage between
VDD5 and VDD3. External pull-up resistor to VDD5 is required.
REF5V_STBY
72
O
AO
VSB3
Standby Highest Active Supply, Reference Output.
Reference voltage equal to the highest voltage between
VSB5 and VSB3. External pull-up resistor to VSB5 is required.
PS_ON
81
O
OD6
VSB3
Main Power Supply On/Off Control. Active (low) level turns
the main power supply (VDD) on. External pull-up resistor to
VSB5 is required.
PWRGD_PS
82
I
INTS4
VSB3
Power Good Signal from the Power Supply. Active level
indicates the Main power supply voltage is valid.
PWRGD_3V
84
O
O3/6
VSB3
Power Good Output. Active level indicates the Main supply
voltage is valid and the reset button is not pressed.
CPU_PRESENT
83
I
INTS4
VSB3
CPU Present. Active (low) level indicates a processor is
currently plugged in.
BKFD_CUT
77
O
OD6
VSB3
Backfeed-Cut Control. Power distribution control (when
switching between main and standby regulators) for system
transition into and out of the S3 sleep state. External pull-up
resistor to VDD5 is required.
LATCHED_BF_
CUT
79
O
O14/14
VSB3
Latched Backfeed-Cut. Power distribution control (when
switching between main and standby regulators) for system
transition into and out of the S5 sleep state.
FPRST
75
I
INTS4
VSB3
Front Panel Reset. Active (low) level indicates that the reset
button on the front panel is pressed.
VSB5
71
I
AI
VSB3
Standby 5V Power Supply. Used for Resume Reset
generation (Range: 0-5.5V, Backdrive protected).
RSMRST
92
O
O3/6
VSB3
Resume Reset. Power-Up reset signal based on the VSB5
supply voltage.
SCK_BJT_GATE
80
O
OD6
VSB3
Rambus SCK Clock Gate Control. Gates an external circuit
that disables the SCK clock to the Rambus socket when the
Main supply voltage is invalid. External pull-up resistor to
VSB5 is required.
PRIMARY_HD
67
I
INTS4
VDD3
Primary Drive. Active (low) level indicates that the primary
IDE drive is active.
SECONDARY_HD 68
I
INTS4
VDD3
Secondary Drive. Active (low) level indicates that the
secondary IDE drive is active.
SCSI
69
I
INTS4
VDD3
SCSI Drive. Active (low) level indicates that the SCSI drive
is active.
HD_LED
66
O
OD12
VDD3
Hard Drive LED. Red LED driver. When low, indicates that
at least one drive is active.
AUD_LINK_RST
100
I
INT
VSB3
Audio Link Reset. Controls the downstream codec.
CDC_DWN_ENAB 101
I
INT
VSB3
Downstream Codec Enable. Controls the downstream
codec. The GPIO14 signal is also connected to this pin,
allowing the software to control both this input and external
input pins connected to it.
CDC_DWN_RST
102
O
O6/12
VSB3
Downstream Codec Reset. Enables the audio CNR Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com