Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 81Page - National Semiconductor (TI) PC87373 Datasheet HTML 82Page - National Semiconductor (TI) PC87373 Datasheet HTML 83Page - National Semiconductor (TI) PC87373 Datasheet HTML 84Page - National Semiconductor (TI) PC87373 Datasheet HTML 85Page - National Semiconductor (TI) PC87373 Datasheet HTML 86Page - National Semiconductor (TI) PC87373 Datasheet HTML 87Page - National Semiconductor (TI) PC87373 Datasheet HTML 88Page - National Semiconductor (TI) PC87373 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
85
www.national.com
Revision 1.1
Figure 15. SCI Generation
The SCI interrupt (SIOPME) is routed to the system interrupt (IRQ) by setting the Interrupt Number value, in the Interrupt
Number register, located at index 70h in the SWC Configuration (see Section 3.12.2 on page 59).
6.2.5
LED Control
The PC87373 device controls the operation of two LED indicators. The two open-drain buffers allow the connection of either
two regular LEDs or one dual-color LED.
The LEDs can be connected to PC87373 using one of the configurations shown in Figure 16.
Figure 16. LED Connection Configurations
The LED pins are named GRN_LED (Green LED) and YLW_LED (Yellow LED), although other LED colors can be used.
The PC87373 allows three LED control options, which are selected by LED_OPT field in SWC_CTL register (see Section
6.3.3 on page 90):
q
Standard LED control: On/Off and Blink controlled by software or by S5 sleep state
q
Advanced LED control: On/Off and Blink controlled by software, by S3 or S5 sleep states, or by the VDD3 power sup-
ply status
q
Special LED control: On/Off and Blink controlled by software, by S3 or S5 sleep states or by the Main power supply
status via the PWRGD_PS signal
From the base address of the SWC registers, the register for Standard LED Control is located at offset 00h, the two registers
for Advanced LED Control are located at offsets 02h and 03h, and the register for Special LED Control is located at offset
02h (see Section 6.3.1 on page 88). The active control registers are selected by LED_OPT field.
The blink rate and duty cycle of all LED control options are based on a clock, which is obtained by dividing the frequency of
the 32 KHz clock domain.
Enable
GPE1_STS_0-3
Status
Set
GPE1_EN_0-3
Detected Event
(SIOPME)
From Other
Enabled Events
SCI Interrupt
PME_EN
GPE1_STS
PME_STS
Set
GPE1_EN
IRQ
Routing
Control
a. Active Low
LED
VSUP
R
Pin
LED
VSUP
R
Pin
LED
VSUP
R
Pin
Pin
VSUP
R
b. Active High
c. Dual-Color
GRN_LED
YLW_LED
GRN
YLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com