Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 23Page - National Semiconductor (TI) PC87373 Datasheet HTML 24Page - National Semiconductor (TI) PC87373 Datasheet HTML 25Page - National Semiconductor (TI) PC87373 Datasheet HTML 26Page - National Semiconductor (TI) PC87373 Datasheet HTML 27Page - National Semiconductor (TI) PC87373 Datasheet HTML 28Page - National Semiconductor (TI) PC87373 Datasheet HTML 29Page - National Semiconductor (TI) PC87373 Datasheet HTML 30Page - National Semiconductor (TI) PC87373 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 174 page
background image
27
www.national.com
Revision 1.1
2.0
Power, Reset and Clocks
2.1 POWER
2.1.1
Power Planes
The PC87373 device has four power planes (wells), as shown in the table below:
For correct operation, VSB3 must be applied before VDD3.
The battery backup voltage (VBAT) powers some of the SWC functions even when the VSB3 voltage is absent due to either
power failure or disconnection of the external AC input power. When the functions powered by VBAT are not used, the VBAT
pin must be connected to VSS through an external pull-down resistor.
To meet the UL standard requirements, a series resistor (RUL) is implemented.
2.1.2
Power States
The PC87373 device has four power states:
• Battery Fail - Backup power plane is powered off (V
BAT is inactive). This power state applies only to the SWC functions
powered by VBAT.
• Power Fail - Main, Standby and Core power planes are powered off (V
DD3, VSB3 and VCORF are inactive).
• Power Off - Main power plane is powered off; the Standby and Core power planes are on (V
DD3 is inactive; VSB3 and
VCORF are active).
• Power On - Main, Standby and Core power planes are powered on (V
DD3, VSB3 and VCORF are active).
The following power state is illegal:
• The Main power plane is powered on and the Standby and Core power planes are off (i.e., V
DD3 is active; VSB and VCORF
are inactive). Operation is not guaranteed; however, at power-on/off, the device may temporarily enter this power state
due to the different rise/fall times of the VDD3 and VSB3 power supplies.
Table 5 summarizes the power states described above.
Table 4. Power Planes
Power Plane
Description
Power Pins
Ground Pins
Main
Powers the I/O buffers for the external signals1 of the
Legacy modules (Serial Ports, Parallel Port, FDC, KBC,
MIDI Port, Game Port), on-chip High-Frequency Clock
Generator, FSCM and the LPC interface, including the
buffered reset outputs
1. See the tables in Section 1.4 (pages 16
−25), specifically the Power Well column.
VDD3
VSS
Standby
Powers the I/O buffers for the external signals1 of the
GPIO ports, SWC, Glue Functions and the on-chip Core
power converter
VSB3
VSS
Core
Powers the internal (core) logic of all the device modules
VCORF
2
2. VCORF is generated from VSB3 by an on-chip power converter.
VSS
Backup
Powers some of the SWC functions
VBAT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com