Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) PC87373 Datasheet HTML 45Page - National Semiconductor (TI) PC87373 Datasheet HTML 46Page - National Semiconductor (TI) PC87373 Datasheet HTML 47Page - National Semiconductor (TI) PC87373 Datasheet HTML 48Page - National Semiconductor (TI) PC87373 Datasheet HTML 49Page - National Semiconductor (TI) PC87373 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
46
www.national.com
Revision 1.1
3.7.4
SuperI/O Configuration 3 Register (SIOCF3)
Power Well: VSB3
Location:
Index 23h
Type:
R/W or RO
3.7.5
SuperI/O Configuration 4 Register (SIOCF4)
Power Well: VSB3
Location:
Index 24h
Type:
R/W or RO
Bit
76
5
43210
Name
PWM3EN
PWM2EN
PWM1EN
GMPEN
Reserved
Reset
0
0
0
00000
Bit
Description
7
PWM3EN (FANPWM3 Multiplex Control). Selects the function connected to the GPIOE05/FANPWM3 pin.
0: GPIOE05 port: GPIO (default)
1: FANPWM3: FSCM
6
PWM2EN (FANPWM2 Multiplex Control). Selects the function connected to the GPIOE04/FANPWM2 pin.
0: GPIOE04 port: GPIO (default)
1: FANPWM2: FSCM
5
PWM1EN (FANPWM1 Multiplex Control). Selects the function connected to the GPIOE03/FANPWM1 pin.
0: GPIOE03 port: GPIO (default)
1: FANPWM1: FSCM
4
GMPEN (Game Port Multiplex Control). Selects the functions connected to the following pins:
3V_DDCSCL/GPIOE13/JYABT0, 5V_DDCSCL/GPIOE11/JYABT1, 3V_DDCSDA/GPIOE12/JYBBT0,
5V_DDCSDA/GPIOE10/JYBBT1.
0: 3V_DDCSCL, 5V_DDCSCL, 3V_DDCSDA, 5V_DDCSDA (Glue Functions) or GPIOE13, GPIOE11,
GPIOE12, GPIOE10 ports (GPIO), respectively, according to GPIO103EN bit in SIOCF2 register (see Section
3.7.3 on page 45) (default)
1: JYABT0, JYABT1, JYBBT0, JYBBT1: Game Port
3-0
Reserved.
Bit
76
5
43210
Name
Reserved
MIDIEN
Reserved
Reset
0
0
0
00000
Bit
Description
7
Reserved.
6
MIDIEN (MIDI Port Multiplex Control). Selects the function connected to pins SMB2_SCL/MDTX and
SMB2_SDA/MDRX.
0: SMB2_SCL, SMB2_SDA: Glue Functions (default)
1: MDTX, MDRX: MIDI Port
5-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com