Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 41Page - National Semiconductor (TI) PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) PC87373 Datasheet HTML 45Page - National Semiconductor (TI) PC87373 Datasheet HTML 46Page - National Semiconductor (TI) PC87373 Datasheet HTML 47Page - National Semiconductor (TI) PC87373 Datasheet HTML 48Page - National Semiconductor (TI) PC87373 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
45
www.national.com
Revision 1.1
3.7.3
SuperI/O Configuration 2 Register (SIOCF2)
Power Well: VSB3
Location:
Index 22h
Type:
R/W or RO
Bit
76
5
43210
Name
PMEPOL
PMETYPE
TACH2EN
TACH1EN
Reserved
TACH3EN
GPIO03EN
Reset
0
0
0
00000
Bit
Description
7
PMEPOL (SIOPME Polarity). Selects the polarity of the SIOPME signal.
0: SIOPME is active low (default)
1: SIOPME is active high
6
PMETYPE (SIOPME Buffer Type). Selects the output buffer type of the SIOPME pin.
0: Output is open-drain and the pull-up resistor is enabled (default)
1: Output is push-pull (the pull-up resistor is disabled)
5
TACH2EN (FANTACH2 Multiplex Control). Selects the function connected to pin 112.
0: GPIOE07 port: GPIO (default)
1: FANTACH2: FSCM
4
TACH1EN (FANTACH1 Multiplex Control). Selects the function connected to pin 111.
0: GPIOE06 port: GPIO (default)
1: FANTACH1: FSCM
3-2
Reserved.
1
TACH3EN (FANTACH3 Multiplex Control). Selects the function connected to the GPIOE01/FANTACH3 pin.
0: GPIOE01 port: GPIO (default)
1: FANTACH3: FSCM
0
GPIO03EN (GPIOE10-GPIOE13 Multiplex Control). Selects the functions connected to pins 113-116.
0: 5V_DDCSDA, 5V_DDCSCL, 3V_DDCSDA, 3V_DDCSCL: Glue Functions (default)
1: GPIOE10-GPIOE13 ports: GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com