Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 82Page - National Semiconductor (TI) PC87373 Datasheet HTML 83Page - National Semiconductor (TI) PC87373 Datasheet HTML 84Page - National Semiconductor (TI) PC87373 Datasheet HTML 85Page - National Semiconductor (TI) PC87373 Datasheet HTML 86Page - National Semiconductor (TI) PC87373 Datasheet HTML 87Page - National Semiconductor (TI) PC87373 Datasheet HTML 88Page - National Semiconductor (TI) PC87373 Datasheet HTML 89Page - National Semiconductor (TI) PC87373 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
86
www.national.com
Revision 1.1
Standard LED Control
The Standard LED control is the default LED control option when VBAT pin is connected to ground (VSS). Two regular LEDs
must be connected to the GRN_LED and the YLW_LED pins, according to configuration “b” (Active High) in Figure 16.
In this option, LED operation is controlled by the bits of SLEDCTL register (at offset 00h; see Section 6.3.2 on page 89) and
by the SLP_S5 pin. When the system is in sleep state S5 (SLP_S5 = 0), both LEDs are off. GRN_YLW bit selects the active
LED (on or blinking) of the two; the other LED is off. BLINK bit selects the operation mode of the active LED as either con-
stantly on or blinking at 0.667 Hz with a duty cycle of 41.7% (on time percent of the blink cycle).
Table 34 on page 89 shows the states of the GRN_LED and YLW_LED pins. The LEDs are connected according to config-
uration “b” (see Figure 16); therefore, a LED is on when the pin is TRI-STATEd and off when the pin is at low level (0).
Advanced LED Control
In the Advanced LED control option, one dual-color LED or two regular LEDs can be connected to the GRN_LED and the
YLW_LED pins, using any of the configurations shown in Figure 16. LEDCFG and LEDPOL bits in ALEDCTL register (at
offset 02h; see Section 6.3.4 on page 91) must be set to reflect the connection configuration of the LEDs.
LEDCFG bit selects either configurations “a” and “b” (two regular LEDs are connected between each pin and ground or
VSUPP) or configuration “c” (one dual-color LED is connected between the GRN_LED and YLW_LED pins). LEDPOL bit se-
lects the polarity of the On state at both pins (GRN_LED and YLW_LED). Table 32, shows the value of LEDCFG and LED-
POL bits for each LED connection configuration in Figure 16, and also the state of the GRN_LED and YLW_LED pins for
which the LED(s) are On.
The LEDMOD field controls the operation mode of GRN_LED and YLW_LED pins in each system power state (see Table 35
on page 91). The system power state is identified either by the status of the VDD3 power supply or by the current system
sleep state:
‘00’ – The behavior of the GRN_LED and YLW_LED pins is controlled solely by software by the setting of the
GRNBLNK and YLWBLNK fields.
‘01’ – The behavior of the GRN_LED and YLW_LED pins is controlled by the status of the V
DD3 supply and by software.
In the Power Off state (VDD3 off), the GRN_LED behaves according to the setting of the GRNBLNK field, but the
YLW_LED blinks at a 1 Hz rate with a 50% duty cycle;
In the Power On state (VDD3 on), each LED behaves according to the setting of its xxxBLNK field.
‘10’ – The behavior of the GRN_LED and YLW_LED pins is controlled by the S5 sleep state and by software.
In S5 sleep state, both LEDs are off;
In S3 - S0 sleep states, each LED behaves according to the setting of its xxxBLNK field.
‘11’ – The behavior of the GRN_LED and YLW_LED pins is controlled by the status of the V
DD3 supply and by software.
In the Power Off state (VDD3 off), both LEDs are off;
In Power On state (VDD3 on), each LED behaves according to the setting of its xxxBLNK field.
The status of the VDD3 power supply is detected by internal circuits, which identify the Power Off and Power On states (see
Section 2.1.2 on page 27).
The current system sleep state is decoded from the levels of the SLP_S3 and SLP_S5 pins (see Section 6.2.3 on page 84).
Only sleep state S5 is relevant.
The GRNBLNK and YLWBLNK fields in LEDBLNK register (at offset 03h; see Section 6.3.6 on page 93) control the On/Off
state or the blinking rate of the GRN_LED and YLW_LED pins, respectively. For each LED pin, a different blink rate can be
selected. Different blink rates can also be selected for the dual-color LED mode (LEDCFG = 0).
Table 32. LEDs “On” Polarity as a Function of LEDCFG and LEDPOL
LEDCFG
LEDPOL
GRN_LED
YLW_LED
Connection (See Figure 16)
0
0
TRI-STATE
0
“c”, Green anode to GRN_LED pin
0
1
0
TRI-STATE
“c”, Yellow anode to GRN_LED pin
1
0
TRI-STATE
TRI-STATE
“b”
1100
“a”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com