Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87373 Datasheet HTML 1Page - National Semiconductor (TI) PC87373 Datasheet HTML 2Page - National Semiconductor (TI) PC87373 Datasheet HTML 3Page - National Semiconductor (TI) PC87373 Datasheet HTML 4Page - National Semiconductor (TI) PC87373 Datasheet HTML 5Page - National Semiconductor (TI) PC87373 Datasheet HTML 6Page - National Semiconductor (TI) PC87373 Datasheet HTML 7Page - National Semiconductor (TI) PC87373 Datasheet HTML 8Page - National Semiconductor (TI) PC87373 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
www.national.com
Preliminary
October 2002
Revision 1.1
PC87373
LPC SuperI/O with Glue Functions
General Description
The National Semiconductor® PC87373 Advanced I/O prod-
uct is a member of the PC8737x SuperI/O family. All
PC8737x devices are highly integrated and are pin and soft-
ware compatible, thus providing drop-in interchangeability
and enabling a variety of assembly options using only a sin-
gle motherboard and BIOS.
PC87373 integration allows for a smaller system board size and
saves on total system cost.
The PC87373 includes legacy SuperI/O functions, system
glue functions, fan monitoring and control, commonly used
functions such as GPIO, and ACPI-compliant Power Man-
agement support.
The PC87373 integrates miscellaneous analog and digital
system glue functions to reduce the number of discrete
components required. The host communicates with the
functions integrated in the PC87373 device through an LPC
Bus Interface.
The PC87373 Legacy functions are: two serial ports, a fully
compliant IEEE 1284 Parallel Port, a Floppy Disk Controller
(FDC), a Keyboard/Mouse Controller (KBC), a Game Port
and a MIDI Port.
The Fan Speed Control and Monitor (FSCM) module allows
the system to monitor and control three fans.
The PC87373 extended wake-up support complements the
ACPI controller in the chipset. The System Wake-Up Control
(SWC) module, powered by VSB3, supports a flexible wake-
up mechanism.
There are 13 General-Purpose Input/Output (GPIO) ports;
these allow system control and wake-up on system events.
Outstanding Features
s
Legacy modules: Parallel Port, Floppy Disk Controller
(FDC), two Serial Ports, Keyboard and Mouse Control-
ler (KBC), Game Port and MIDI Port
s
Glue functions to complement the South Bridge func-
tionality
s
Fan Speed monitoring and control of three fans
s
VSB3-powered Power Management with 20 wake-up
sources
s
Controls three LED indicators
s
13 GPIO ports with a variety of wake-up options
s
LPC interface, based on Intel’s LPC Interface Specifica-
tion Revision 1.0, September 29th, 1997
s
PC01 Revision 1.0 and Advanced Configuration and Pow-
er Interface (ACPI) Specification Revision 2.0 compliant
s
128-pin PQFP package
Block Diagram
VDD3
I/O
GPIO Ports
Fan Speed
Control
System
PME
Ports
VSB3
PnP
Configuration
Wake-Up
Events
14.31818 MHz
National Semiconductor is a registered trademark of National Semiconductor Corporation. All other brand or product names are trademarks or registered trade-
marks of their respective holders.
Inputs
Tachometer
48 MHz
Glue
Miscellaneous
I/O
Registers
Clock
Generator
Monitor
Functions
Control and
Outputs
PWM
LEDs
VBAT
Wake-Up
32.768 KHz
Drive
Interface
LPC Bus
Interface
LPC
Interface
Serial
IRQ
KBC
Interfaces
PS/2
Internal Bus
& Mouse
Keyboard
Controller
Disk
Floppy
Controller
Floppy
Port
Interface
Parallel
IEEE 1284
Port
Parallel
Serial
Interface
Serial
Port 1
Joystick
Interface
Game
Port
MIDI
Interface
MIDI
Port
Ports
Serial
Interface
Serial
Port 2
© 2002 National Semiconductor Corporation


Similar Part No. - PC87373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
More results

Similar Description - PC87373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87360 NSC-PC87360 Datasheet
1Mb / 168P
128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PC87363 NSC-PC87363 Datasheet
2Mb / 200P
128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87366 NSC-PC87366 Datasheet
2Mb / 240P
128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
100-Pin LPC SuperI/O Devices for Portable Applications
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
128-Pin LPC SuperI/O with System Hardware Monitoring
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
logo
National Semiconductor ...
PC8374L NSC-PC8374L Datasheet
1Mb / 239P
SensorPathTM SuperI/O with Glue Functions
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com