Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 96Page - National Semiconductor (TI) PC87373 Datasheet HTML 97Page - National Semiconductor (TI) PC87373 Datasheet HTML 98Page - National Semiconductor (TI) PC87373 Datasheet HTML 99Page - National Semiconductor (TI) PC87373 Datasheet HTML 100Page - National Semiconductor (TI) PC87373 Datasheet HTML 101Page - National Semiconductor (TI) PC87373 Datasheet HTML 102Page - National Semiconductor (TI) PC87373 Datasheet HTML 103Page - National Semiconductor (TI) PC87373 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
100
www.national.com
Revision 1.1
6.4.6
General-Purpose Status 1 Register 2 (GPE1_STS_2)
This register contains “child” events 16-23 of the GPE1_STS register.
The status bits behave according to the Sticky status bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Ah
Type:
R/W1C
Bit
76543210
Name
KBD_EVT3
_STS
KBD_EVT2
_STS
KBD_EVT1
_STS
MS_EVT
_STS
KBD_ANYK
_STS
RI1_EVT
_STS
RI2_EVT
_STS
Reserved
Reset
00000000
Bit
Description
7
KBD_EVT3_STS (Keyboard Event 3 Status). Indicates that “PM Key 3” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 6.3.7 on page 94). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 3” key was pressed on the keyboard
6
KBD_EVT2_STS (Keyboard Event 2 Status). Indicates that “PM Key 2” was pressed and that the event was
identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Power Management Keys mode (see Section 6.3.7 on page 94). Writing 1 clears this bit; writing 0
is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 2” key was pressed on the keyboard
5
KBD_EVT1_STS (Keyboard Event 1 Status). This bit indicates that a keyboard event occurred and was
identified by the Keyboard/Mouse Wake-Up Detector. The event type depends on the selected operation mode
for the Keyboard/Mouse Wake-Up Detector (see Sections 6.3.7 and 6.3.8 on page 94.):
q
Pressing any key or a sequence of special keys in Special Key Sequence mode
q
Pressing a sequence of keys in Password mode
q
Pressing the “PM Key 1” in Power Management Keys mode
Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
4
MS_EVT_STS (Mouse Event Status). Indicates that a mouse event occurred and was identified by the
Keyboard/Mouse Wake-Up Detector (see Section 6.3.8 on page 95). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A mouse event occurred
3
KBD_ANYK_STS (Keyboard Any-Key Status). This bit indicates that any key was pressed and that the event
was identified by the Keyboard/Mouse Wake-Up Detector. This bit is set only if the Keyboard/Mouse Wake-Up
Detector is in Fast Any-Key mode (see Section 6.3.7 on page 94). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
2
RI1_EVT_STS (RI1 Event Status). Indicates that a telephone ring signal was received at Serial Port 1 and the
event was identified by the RI Wake-Up Detector. This bit is set by a high-to-low transition at the RI1 pin (see
Section 6.2.1 on page 81). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at Serial Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com