Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 37Page - National Semiconductor (TI) PC87373 Datasheet HTML 38Page - National Semiconductor (TI) PC87373 Datasheet HTML 39Page - National Semiconductor (TI) PC87373 Datasheet HTML 40Page - National Semiconductor (TI) PC87373 Datasheet HTML 41Page - National Semiconductor (TI) PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) PC87373 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
41
www.national.com
Revision 1.1
3.3.2
TRI-STATing Module Output
The pins of the Legacy modules (Serial Ports, Parallel Port, Floppy Disk Controller, Keyboard and Mouse Controller, MIDI
Port, Game Port) and FSCM module can be floated (TRI-STATEd). When the TRI-STATE Control bit (bit 0) is set in the
specific module configuration register (at index F0h of the specific Logical Device in the configuration space) and the module
is disabled (see Section 3.3.1), the module output signals are floated (TRI-STATEd) and the I/O signals are configured as
inputs (note that the logic level at the inputs is ignored by the module, which is disabled).
Figure 7 shows the control mechanism for TRI-STATing the pins of a Legacy module.
Figure 7. Control of TRI-STATing Legacy Module Pins
3.4 INTERNAL ADDRESS DECODING
A full 16-bit address decoding is applied when accessing the configuration I/O space as well as the registers of the functional
blocks. However, the number of configurable bits in the base address registers varies for each logical device.
The lower 1, 2, 3, 4 or 5 address bits are decoded in the functional block to determine the offset of the accessed register
within the logical device’s I/O range of 2, 4, 8, 16 or 32 bytes, respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to the logical device. Therefore, the lower bits of the base address
register are forced to 0 (read only), and the base address is forced to be 2, 4, 8, 16 or 32 byte-aligned, according to the size
of the I/O range.
The base address of the FDC, Serial Port 1, Serial Port 2, and KBC are limited to the I/O address range of 00h to 7FXh only
(bits 15-11 are forced to 0). The Parallel Port base address is limited to the I/O address range of 00h to 3F8h. The addresses
the MIDI Port, Game Port and all of the non-legacy logical devices, including the FSCM, SWC and GPIO, are configurable
within the full 16-bit address range (up to FFFXh).
In some special cases, other address bits are used for internal decoding (such as bit 2 in the KBC and bit 10 in the Parallel
Port). The KBC has two I/O base addresses with some implied dependency between them. For more details, see the de-
scription of the base address register for each logical device.
Fast
Disable
xxxDIS1
Register
SIOCF6
TRI-
STATE
Control
Register
Configuration
Global
Enable
GLOBEN
Register
SIOCF1
Activation
Bit (bit 0)
Register
Index 30h
Device Configuration
Legacy Module
Module
Enable
Module
(Index F0h)
Legacy
Enable
Output
Buffer
1. Wherever the bit is implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com