Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 57Page - National Semiconductor (TI) PC87373 Datasheet HTML 58Page - National Semiconductor (TI) PC87373 Datasheet HTML 59Page - National Semiconductor (TI) PC87373 Datasheet HTML 60Page - National Semiconductor (TI) PC87373 Datasheet HTML 61Page - National Semiconductor (TI) PC87373 Datasheet HTML 62Page - National Semiconductor (TI) PC87373 Datasheet HTML 63Page - National Semiconductor (TI) PC87373 Datasheet HTML 64Page - National Semiconductor (TI) PC87373 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
61
www.national.com
Revision 1.1
3.13.3 KBC Configuration Register
This register is reset to 40h.
Power Well: VDD3 and VSB3 (see Note 1)
Location:
Index F0h
Type:
R/W
Usage Hints:
1. To change the clock frequency of the KBC:
a. Disable the KBC logical devices.
b. Change the frequency setting.
c. Enable the KBC logical devices.
2. Before swapping between the Keyboard and Mouse Interface pins, disable the KBC logical devices and their pins. After
swapping, the software must issue a synchronization command to the Keyboard and Mouse through the KBC to regain
synchronization with these devices.
Bit
76543210
Name
KBC Clock Source
Reserved
SWAP1
1. This bit is powered from the VSB3 well and is reset by VSB3 Power-Up reset.
Reserved
TRI-STATE
Control
Reset
01000000
Required
0
Bit
Description
7-6
KBC Clock Source. The clock source can be changed only when the KBC is inactive (disabled).
Bits
7 6
Source
0 0:
8 MHz
0 1:
12 MHz (default)
1 0:
16 MHz
1 1:
Reserved
5-4
Reserved.
3
SWAP (Swap Keyboard and Mouse Inputs). When this bit is set, the keyboard signals (KBCLK and KBDAT) are
swapped with the mouse signals (MCLK and MDAT). This bit is used both by the KBC module and by the Key-
board/Mouse Wake-Up Detector in the SWC module. This bit is reset to the default value by VSB3 Power-Up reset
only.
0: No swapping (default)
1: Swaps the keyboard and mouse signals
2-1
Reserved.
0
TRI-STATE Control. When this bit is set, the Keyboard pins (KBCLK, KBDAT) and the Mouse pins (MCLK, MDAT)
are in TRI-STATE (see Section 3.3.2 on page 41), if both the Keyboard and the Mouse logical devices are inactive.
0: Normal outputs (default)
1: TRI-STATE outputs when the Keyboard and the Mouse logical devices are inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com