Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 26Page - National Semiconductor (TI) PC87373 Datasheet HTML 27Page - National Semiconductor (TI) PC87373 Datasheet HTML 28Page - National Semiconductor (TI) PC87373 Datasheet HTML 29Page - National Semiconductor (TI) PC87373 Datasheet HTML 30Page - National Semiconductor (TI) PC87373 Datasheet HTML 31Page - National Semiconductor (TI) PC87373 Datasheet HTML 32Page - National Semiconductor (TI) PC87373 Datasheet HTML 33Page - National Semiconductor (TI) PC87373 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 174 page
background image
2.0 Power, Reset and Clocks (Continued)
30
www.national.com
Revision 1.1
Unless otherwise noted, reset references throughout the modules of the PC87373 devices default to the following resets:
q
For VBAT-retained functions (some SWC): VBAT Power-Up reset (within the limitations described in Section 2.2.1).
q
For VSB3-powered functions (GPIO ports, SWC, Glue Functions and some Configuration Control): VSB Power-Up re-
set (within the limitations described in Section 2.2.2).
q
For VDD3-powered functions (Legacy modules, LPC, on-chip Clock Generator, FSCM and some Configuration Con-
trol): VDD Power-Up reset, Hardware Reset or Software Reset (within the limitations described in Sections 2.2.3,
2.2.4 and 2.2.5).
The following sections detail the sources and effects of the various PC87373 resets.
2.2.1
VBAT Power-Up Reset
VBAT Power-Up reset is generated by an internal circuit when VBAT power is applied. An active VBAT Power-Up reset signal
is generated following a rise in the VBAT until the level of the VBAT power higher than VBATLOW is detected (see Section 13.1.5
on page 152). A VBAT Power-Up reset is generated independently of the state of the other PC87373 power supplies (VSB3,
VDD3). When VBAT Power-Up reset is active, it resets the registers whose values are retained by VBAT (some of the SWC).
2.2.2
VSB Power-Up Reset
VSB Power-Up reset is generated by an internal circuit when VSB3 power is applied. The VSB Power-Up reset time (tIRST)
lasts either 17 cycles of the 32 KHz clock domain or until the PCI_RESET signal is de-asserted, whichever occurs first. Ex-
ternal devices must wait at least tIRST before accessing the PC87373 device.
Note that the 32 KHz clock domain starts toggling t32KW +t32KVAL after VSB3 power-up. This delay must be added to the 17
clock cycles (see Low-Frequency Clock Timing on page 162).
VSB Power-Up reset performs the actions listed below and all the actions performed by VDD Power-Up reset (see Section
2.2.3). Note that VDD3 must be active during VSB3 power-up for all VDD Power-Up reset actions to be performed:
Samples the levels of the V
BAT power pin
Activates the relevant circuits in SWC according to the level of the V
BAT power pin
Resets all lock bits in configuration registers and SWC
Loads default values to VDDLOAD bits in the GPIO configuration registers
Loads default values to the V
SB3-powered bits in the configuration registers, SWC and GPIO
Sets up the pull-up option and the default source for the V
SB3-powered multiplexed output pins
2.2.3
VDD Power-Up Reset
VDD Power-Up reset is generated by an internal circuit when VDD3 power is turned on. VDD Power-Up reset time (tIRST) lasts
until the PCI_RESET signal is de-asserted. The Hardware reset (PCI_RESET) must be asserted for a minimum of 10 ms to
ensure that the PC87373 device operates correctly.
External devices must wait at least tIRST before accessing the PC87373. If the host processor accesses the PC87373 during
this time, the PC87373 LPC interface ignores the transaction (that is, it does not return a SYNC handshake).
VDD Power-Up reset performs the following actions:
Puts pins with strap options into TRI-STATE and enables their internal pull-up resistors
Samples the logic levels of the strap pins
Executes all the actions performed by the Hardware reset (see Section 2.2.4)
2.2.4
Hardware Reset
Hardware reset is activated by the assertion (low) of the PCI_RESET input while VDD3 is “good”. When VDD3 power is off,
the PC87373 device ignores the level of the PCI_RESET input. However, the PCIRST_OUT and PCIRST_OUT2 outputs
reflect the PCI_RESET input and thus are active (low). In addition, the Hardware reset (PCI_RESET) must be asserted after
VSB power-up, as described in Section 2.2.2.
Hardware reset performs the following actions:
Resets all lock bits in configuration registers and SWC
Sets up the pull-up option and the default source for the V
DD3-powered multiplexed output pins
Executes all the actions performed by the Software reset (see Section 2.2.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com