Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 88Page - National Semiconductor (TI) PC87373 Datasheet HTML 89Page - National Semiconductor (TI) PC87373 Datasheet HTML 90Page - National Semiconductor (TI) PC87373 Datasheet HTML 91Page - National Semiconductor (TI) PC87373 Datasheet HTML 92Page - National Semiconductor (TI) PC87373 Datasheet HTML 93Page - National Semiconductor (TI) PC87373 Datasheet HTML 94Page - National Semiconductor (TI) PC87373 Datasheet HTML 95Page - National Semiconductor (TI) PC87373 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
92
www.national.com
Revision 1.1
6.3.5
Special LED Control Register (XLEDCTL)
This register configures the Special LED Control of the two LEDs connected to pins GRN_LED and YLW_LED of the
PC87373 device. It is reset to 00h.
Power Well: VDD3
Location:
Offset 02h, when LED_OPT = 10 in SWC_CTL register
Type:
R/W or RO
Bit
76
5
43210
Name
Reserved
SLP_S1
SW_CTL
Reset
0
0
0
00000
Bit
Description
7-2
Reserved.
1
SLP_S1 (Sleep State S1 Select). When set to 1 by the software, this bit indicates that the system will enter an
S1 sleep state. The value of this bit controls the operation mode of GRN_LED and YLW_LED, as shown in Table
36.
0: System in working state (S0), or in S3-S5 sleep states (default)
1: System in S1 sleep state
0
SW_CTL (Software LEDs Control). This bit controls the operation mode of GRN_LED and YLW_LED, as
shown in Table 36.
0: Normal (default)
1: Bit set by software
Table 36. Special control of the GRN_LED and YLW_LED
System State
SLP_S5
Pin
SLP_S3
Pin
SLP_S1
Bit
PWRGD_PS
Pin
SW_CTL
Bit
GRN_LED
Pin
YLW_LED
Pin
Soft Off (S5)
0
X1
1. In this table, X is either logic “1” or logic “0”.
XXX
0
0
Sleep State S3
1
0
X
X
X
Blink2
2. Blink rate is 1 Hz with a duty cycle of 50%.
0
Sleep State S1
1
1
1
X
X
Working (S0),
Power not good
1
1
0
0
X
0
Blink
Working (S0), Power
good, no SW_CTL
1
1
0100
TRI-STATE
Working (S0), Power
good, and SW_CTL
1
1
0
1
1
TRI-STATE
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com