Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 94Page - National Semiconductor (TI) PC87373 Datasheet HTML 95Page - National Semiconductor (TI) PC87373 Datasheet HTML 96Page - National Semiconductor (TI) PC87373 Datasheet HTML 97Page - National Semiconductor (TI) PC87373 Datasheet HTML 98Page - National Semiconductor (TI) PC87373 Datasheet HTML 99Page - National Semiconductor (TI) PC87373 Datasheet HTML 100Page - National Semiconductor (TI) PC87373 Datasheet HTML 101Page - National Semiconductor (TI) PC87373 Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
98
www.national.com
Revision 1.1
6.4.2
General-Purpose Status 1 Register (GPE1_STS)
This register contains the global Power Management Event status bit. This register belongs to the General-Purpose Event
1 register group of the ACPI generic-feature space registers.
The status bit behaves according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 00h
Type:
R/W1C
6.4.3
General-Purpose Enable 1 Register (GPE1_EN)
This register contains the global Power Management Event enable bit. This register belongs to the General-Purpose Event
1 register group of the ACPI generic-feature space registers. It is reset to 00h.
The enable bit behaves according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 04h
Type:
R/W
Bit
76543210
Name
Reserved
PME_STS
Reset
00000000
Bit
Description
7-1
Reserved.
0
PME_STS (Power Management Event Status). Indicates that an enabled Power Management event has
occurred. This bit is set if at least one enabled event (in GPE1_EN_0 to GPE1_EN_3 registers) is active (in
GPE1_STS_0 to GPE1_STS_3 registers). This bit can be reset by writing 1 only if all the enabled events are
inactive.
0: Inactive (default)
1: At least one enabled “child” event was active since this bit was last cleared
Bit
76543210
Name
Reserved
PME_EN
Reset
00000000
Bit
Description
7-1
Reserved.
0
PME_EN (Power Management Event Enable). Controls SCI (SIOPME) generation by a set PME_STS bit. If
this bit is set, a set PME_STS bit in GPE1_STS register generates an SCI interrupt.
0:
Disable SCI (default)
1:
Enable SCI generation by a set PME_STS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com