Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 36Page - National Semiconductor (TI) PC87373 Datasheet HTML 37Page - National Semiconductor (TI) PC87373 Datasheet HTML 38Page - National Semiconductor (TI) PC87373 Datasheet HTML 39Page - National Semiconductor (TI) PC87373 Datasheet HTML 40Page - National Semiconductor (TI) PC87373 Datasheet HTML 41Page - National Semiconductor (TI) PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
40
www.national.com
Revision 1.1
3.3 MODULE CONTROL
Module control is performed primarily through the Activation bit (bit 0 of index 30h) of each logical device.
3.3.1
Module Enable/Disable
Module control is performed primarily through the Activation bit (bit 0 of index 30h) of each logical device. The operation of
each module can be controlled by the host through the LPC bus.
Module enable/disable by the host through the LPC bus is controlled by the following bits:
q
Activation bit (bit 0) in index 30h of the Standard configuration registers (see Section 3.2.3 on page 36)
q
Fast Disable bit in SIOCF6 register; for the FDC, Parallel Port and Serial Port (1 and 2) modules only (see Section
3.7.6 on page 47)
q
Global Enable bit (GLOBEN) in SIOCF1 register (see Section 3.7.2 on page 44)
A module is enabled only if all of these bits are set to their “enable” value.
When a VDD3-powered module (FDC, Parallel Port, Serial Ports, KBC, MIDI Port and Game Port, FSCM) is disabled, the
following takes place:
q
The host system resources of the logical device (IRQ, DMA and runtime address range) are unassigned.
q
Access to the standard- and device-specific Logical Device configuration registers through the LPC bus remains en-
abled.
q
Access to the module’s runtime registers through the LPC bus is disabled (transactions are ignored; SYNC cycle is
not generated).
q
The module’s internal clock is disabled (the module is not functional) to lower the power consumption.
When a VSB3-powered module (GPIO and SWC) is disabled, the following takes place:
q
The host system resources of the logical device (IRQ and runtime address range) are unassigned.
q
Access to the standard and device specific Logical Device configuration registers through the LPC bus remains en-
abled.
q
Access to the module’s runtime registers through the LPC bus is disabled (transactions are ignored; SYNC cycle is
not generated).
q
The module is functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com