Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 95Page - National Semiconductor (TI) PC87373 Datasheet HTML 96Page - National Semiconductor (TI) PC87373 Datasheet HTML 97Page - National Semiconductor (TI) PC87373 Datasheet HTML 98Page - National Semiconductor (TI) PC87373 Datasheet HTML 99Page - National Semiconductor (TI) PC87373 Datasheet HTML 100Page - National Semiconductor (TI) PC87373 Datasheet HTML 101Page - National Semiconductor (TI) PC87373 Datasheet HTML 102Page - National Semiconductor (TI) PC87373 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
99
www.national.com
Revision 1.1
6.4.4
General-Purpose Status 1 Register 0 (GPE1_STS_0)
This register contains “child” events 0-7 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the
hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 08h
Type:
R/W1C
6.4.5
General-Purpose Status 1 Register 1 (GPE1_STS_1)
This register contains “child” events 8-15 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the
hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 09h
Type:
R/W1C
Bit
76543210
Name
GPIOE07
_STS
GPIOE06
_STS
GPIOE05
_STS
GPIOE04
_STS
GPIOE03
_STS
GPIOE02
_STS
GPIOE01
_STS
GPIOE00
_STS
Reset
00000000
Bit
Description
7
GPIOE07_STS (GPIOE07 Event Status). Indicates that an active event has been detected at pin 7 of GPIOE
Port 0. The event has programmable polarity and the debounce option (see Section 5.3 on page 75). The bit is
set by an active level at the GPIOE07 pin. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
6-0
GPIOE06_STS to GPIOE00_STS (GPIOE06 to GPIOE00 Event Status). Same as above for pins 6-0 of GPIOE
Port 0.
Bit
76543210
Name
Reserved
GPIOE13
_STS
GPIOE12
_STS
GPIOE11
_STS
GPIOE10
_STS
Reset
00000000
Bit
Description
7-4
Reserved.
3
GPIOE13_STS (GPIO13 Event Status). Indicates that an active event has been detected at pin 3 of GPIOE
Port 1. The event has programmable polarity and the debounce option (see Section 5.3 on page 75). The bit is
set by an active level at the GPIOE13 pin. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
2-0
GPIOE12_STS to GPIOE10_STS (GPIOE12 to GPIOE10 Event Status). Same as above for pins 2-0 of GPIOE
Port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com