Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 79Page - National Semiconductor (TI) PC87373 Datasheet HTML 80Page - National Semiconductor (TI) PC87373 Datasheet HTML 81Page - National Semiconductor (TI) PC87373 Datasheet HTML 82Page - National Semiconductor (TI) PC87373 Datasheet HTML 83Page - National Semiconductor (TI) PC87373 Datasheet HTML 84Page - National Semiconductor (TI) PC87373 Datasheet HTML 85Page - National Semiconductor (TI) PC87373 Datasheet HTML 86Page - National Semiconductor (TI) PC87373 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
83
www.national.com
Revision 1.1
Password Mode. In this mode, the “Break” bytes transmitted by the keyboard are discarded, and only the “Make” keystroke
bytes are compared with those programed in the PS2KEY0-7 registers. If the two sets are identical, a keyboard event that
sets KBD_EVT1_STS bit in GPE1_STS_2 register is detected (see Section 6.4.6 on page 100). The status bit is cleared
only when the software writes 1 to it. Only keys with a “Make” keystroke data of one byte can be included in the sequence
to be detected. To program the Keyboard/Mouse Wake-Up Detector to operate in Password mode:
1. Set KBDMODE field in KBDWKCTL register to ‘00’ (see Section 6.3.7 on page 94).
2. Set KBEVCFG field in PS2CTL register to a value that indicates the desired number of alphanumeric keystrokes in the
sequence. The programed value = the number of keystrokes + 7. For example, to detect a sequence of two keys, set
KBEVCFG to 09h.
3. Program the appropriate subset of the PS2KEY0-7 registers, in sequential order, with the “Make” data bytes of the keys
in the sequence. For example, if there are three keys in the sequence and the “Make” keystroke data of these keys are
05h (first), 50h (second) and 44h (third), program PS2KEY0 to 05h, PS2KEY1 to 50h and PS2KEY2 to 44h (the scan
codes are only examples).
Special Key Sequence Mode. In this mode, all the bytes transmitted by the keyboard (including “Make” and “Break” bytes)
are compared with those programed in the PS2KEY0-7 registers. If the two sets are identical, a keyboard event is detected,
as explained in Password Mode, above. Special Key Sequence mode enables the detection of any sequence of keystrokes,
including “Shift”, “Alt” and “Ctl” keys. To program the Keyboard/Mouse Wake-Up Detector to operate in Special Key Se-
quence mode:
1. Set KBDMODE field in KBDWKCTL register to ‘00’ (see Section 6.3.7 on page 94).
2. Set KBEVCFG field in PS2CTL register to a value that indicates the total number of bytes (“Make” and “Break”) in the se-
quence, minus 1 (i.e., the programed value = the number of bytes - 1). For example, to detect a sequence of three received
bytes (i.e., one keystroke), set KBEVCFG to 02h. The minimum value of the KBEVCFG field is 1 (i.e., two bytes).
3. Program the appropriate subset of the PS2KEY0-7 registers, in sequential order, with the data bytes that comprise the
sequence. For example, if the number of bytes in the sequence is four, and the values of these bytes are E0h (first), 5Bh
(second), E0h (third) and DBh (fourth), program PS2KEY0 to E0h, PS2KEY1 to 5Bh, PS2KEY2 to E0h and PS2KEY3
to DBh (the byte values are only examples).
Special Key Sequence mode also enables detection of any single keystroke. To program the Keyboard/Mouse Wake-Up
Detector to wake-up on any single keystroke:
1. Set KBDMODE field in KBDWKCTL register to ‘00’ (see Section 6.3.7 on page 94).
2. Set KBEVCFG field in PS2CTL register to ‘0001’.
3. Program the PS2KEY0 and PS2KEY1 registers to 00h. This forces the detector to ignore the values of incoming data,
thus causing it to detect a keyboard event caused by a single keystroke.
Power Management Mode. In this mode, the PS2KEY0-7 register bank is divided into three groups of registers:
PS2KEY0-2, PS2KEY3-5 and PS2KEY6-7. Each group can be programed with different data bytes, allowing the bytes trans-
mitted by the keyboard to be compared simultaneously with three keystroke sequences. If the bytes transmitted by the key-
board (including Make and Break) are identical to the data bytes in one register group, the related keyboard event is
detected. The detection of Keyboard Event 1 (data in PS2KEY0-2) sets KBD_EVT1_STS bit; the detection of Keyboard
Event 2 (data in PS2KEY3-5) sets KBD_EVT2_STS bit; the detection of Keyboard Event 3 (data in PS2KEY6-7) sets
KBD_EVT3_STS bit. All three status bits are in GPE1_STS_2 register (see Section 6.4.6 on page 100). Each status bit is
cleared only when the software writes 1 to the bit. This mode enables the detection of any sequence of keys.
To program the Keyboard/Mouse Wake-Up Detector to operate in Power Management Keys mode, proceed as follows:
1. Set KBDMODE field in KBDWKCTL register to ‘10’ (see Section 6.3.7 on page 94).
2. Set each event configuration field (EVT1CFG, EVT2CFG and EVT3CFG) in KBDWKCTL register to a value that indi-
cates the desired number of keystroke data bytes (“Make” and “Break” bytes) in the sequence, for each event. For ex-
ample, to detect a sequence of two received bytes, set EVTxCFG to 02h.
3. Program each group of the PS2KEY0-7 registers, in sequential order, with the data bytes of the keys in the sequence
for each event.
Event Generation. Keyboard event detection from KBCLK and KBDAT is enabled, for event generation, tEWIV after VSB3
power is on (see Wake-Up Inputs at VSB3 Power Switching on page 173). This prevents the detection of false Keyboard
events during VSB3 power-On transitions.
Usage Hints:
1. After changing the operation mode of the Keyboard/Mouse Wake-Up Detector, clear the KBD_EVT3_STS,
KBD_EVT2_STS, KBD_EVT1_STS, and KBD_ANYK_STS status bits in GPE1_STS_2 register (see Section 6.4.6 on
page 100).
2. If a byte sequence that is a “subset” of the byte sequence of another (“superset”) Power Management key event is used,
the “superset” Power Management key event will never be detected. (The subset sequence has fewer bytes, set by
EVTxCFG fields in KBDWKCTL register, than the superset sequence; however, the bytes contained in the subset se-
quence, as programed in the PS2KEY0-7 registers, are identical to the respective bytes of the superset sequence.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com