Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87373 Datasheet HTML 1Page - National Semiconductor (TI) PC87373 Datasheet HTML 2Page - National Semiconductor (TI) PC87373 Datasheet HTML 3Page - National Semiconductor (TI) PC87373 Datasheet HTML 4Page - National Semiconductor (TI) PC87373 Datasheet HTML 5Page - National Semiconductor (TI) PC87373 Datasheet HTML 6Page - National Semiconductor (TI) PC87373 Datasheet HTML 7Page - National Semiconductor (TI) PC87373 Datasheet HTML 8Page - National Semiconductor (TI) PC87373 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 174 page
background image
3
Features (Continued)
www.national.com
Revision 1.1
s
Musical Instrument Digital Interface (MIDI) Port
— Compatible with MPU-401 UART mode
— 16-byte Receive and Transmit FIFOs
— Loopback mode support
s
Game Port (GMP)
— Compatible with the Legacy Game Port definition
— Full digital implementation
— Supports up to two analog joysticks
General-Purpose Modules
s
General-Purpose I/O (GPIO) Ports
— 13 GPIO ports powered by VSB3
— Each pin individually configured as input or output
— Programmable features for each output pin:
❏
Drive type (open-drain, push-pull or TRI-STATE)
❏
TRI-STATE on detection of falling VDD3 for
VSB3-powered pins driving VDD-supplied devices
— Programmable option for internal pull-up resistor on
each input pin
— Lock option for the configuration and data of each
output pin
— 12 GPIO ports generate IRQ/SIOPME for wake-up
events; each GPIO has separate:
❏
Enable control of event status routing to IRQ
❏
Enable control of event status routing to SIOPME
❏
Polarity and edge/level selection
❏
Programmable debouncing
s
Glue Functions
— Software selectable alternative functionality, through
pin multiplexing
— Generates the power-related signals:
❏
Main Power good
❏
Power distribution control (for switching between
Main and Standby regulators)
❏
Resume reset (Master Reset) according to the
5V standby supply status
❏
Main power supply turn on (PS_ON)
❏
Rambus SCK clock gating
— Voltage translation between 3.3V levels (DDC) and
5V levels (VGA) for the SMBus serial clock and data
signals
— Isolation circuitry for the SMBus serial clock and
data signals
— Buffers PCI_RESET to generate three reset output
signals
— Generates “highest active supply” reference voltage
❏
Based on 3.3V and 5V Main supplies
❏
Based on 3.3V and 5V Standby supplies
— High-current LED driver control for Hard Disk Drive
activity indication
— CNR downstream codec, dynamic control
s
Fan Speed Control and Monitor (FSCM)
— Supports tachometers with one or two pulses per
revolution
— Speed monitoring for three fans, including:
❏
Digital filtering of the tachometer input signal
❏
16-bit fan speed data
❏
Alarm for fan speed slower than programed
threshold
❏
Alarm for fan stopped
— Speed control lines with Pulse Width Modulation
(PWM) for three fans
❏
Output signal in the range of 6 Hz to 93.75 KHz
❏
Duty cycle resolution of 1/256
Power Management
s
Supports ACPI Specification Revision 2.0b, July 27,
2000
s
System Wake-Up Control (SWC)
— Optional
routing
of
events
to
generate
SCI
(SIOPME) on detection of:
❏
Keyboard or Mouse events
❏
Ring Indication RI on each of the two serial ports
❏
General-Purpose Input Events from the 12 GPIO
pins
❏
IRQs of the Keyboard and Mouse Controller
❏
IRQs of the other internal modules
— Optional routing of the SCI (SIOPME) to generate
IRQ (SERIRQ)
— Implements the GPE1_BLK of the ACPI General Pur-
pose (Generic) Register blocks with “child” events
— VSB3-powered event detection and event-logic con-
figuration
s
Enhanced Power Management (PM), including:
— Special configuration registers for power down
— Low-leakage pins
— Low-power CMOS technology
— Ability to disable all modules
— High-current LED drivers control (two LEDs) for
power status indication with:
❏
Standard blinking, controlled by software
❏
Advanced blinking, controlled by power supply sta-
tus, sleep state or software
❏
Special blinking, controlled by power supply sta-
tus, sleep state and software bit
— VBAT-powered indication of the Main power supply
state before an AC power failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com