Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) PC87373 Datasheet HTML 22Page - National Semiconductor (TI) PC87373 Datasheet HTML 23Page - National Semiconductor (TI) PC87373 Datasheet HTML 24Page - National Semiconductor (TI) PC87373 Datasheet HTML 25Page - National Semiconductor (TI) PC87373 Datasheet HTML 26Page - National Semiconductor (TI) PC87373 Datasheet HTML 27Page - National Semiconductor (TI) PC87373 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
24
www.national.com
Revision 1.1
1.4.13 Configuration Straps and Testing
3V_DDCSCL
113
I/O
SWSM
VSB3
3.3V Level DDC Serial Clock. SMBus serial clock signal
with 3.3V logic levels for Data Display Channel interface.
External pull-up resistor to VDD3 is required.
5V_DDCSCL
114
I/O
SWSM
VSB3
5V Level DDC Serial Clock. SMBus serial clock signal with
5V logic levels for VGA monitor interface. External pull-up
resistor to VDD5 is required.
3V_DDCSDA
115
I/O
SWSM
VSB3
3.3V Level DDC Serial Data. SMBus serial data signal with
3.3V logic levels for Data Display Channel interface.
External pull-up resistor to VDD3 is required.
5V_DDCSDA
116
I/O
SWSM
VSB3
5V Level DDC Serial Data. SMBus serial data signal with
5V logic levels for VGA monitor interface. External pull-up
resistor to VDD5 is required.
SMB1_SCL
87
I/O
SWSM
VSB3
Bus 1 Serial Clock. Serial clock signal of SMBus 1 (3.3V
logic levels). External pull-up resistor to the 3.3V supply is
required.
SMB2_SCL
88
I/O
SWSM
VSB3
Bus 2 Serial Clock. Serial clock signal of SMBus 2 (3.3V
logic levels). External pull-up resistor to the 3.3V supply is
required.
SMB1_SDA
89
I/O
SWSM
VSB3
Bus 1 Serial Data. Serial data signal of SMBus 1 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is
required.
SMB2_SDA
90
I/O
SWSM
VSB3
Bus 2 Serial Data. Serial data signal of SMBus 2 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is
required.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
BADDR
30
I
INTS
VDD3
Base Address. Sampled at VDD Power-Up reset to determine
the base address of the configuration Index-Data register pair,
as follows:
– No pull-down resistor (default)
- 2Eh-2Fh
–10K
1 external pull-down resistor - 4Eh-4Fh
The external pull-down resistor must be connected to VSS.
TRIS
26
I
INTS
VDD3
TRI-STATE Device. Sampled at VDD Power-Up reset to force
the device to float all its output and I/O pins.
No pull-down resistor (default)
- normal pin operation
–10K
Ω1 external pull-down resistor - floating device pins
– The external pull-down resistor must be connected to VSS.
When TRIS is set to 0 (by an external pull-down resistor), TEST
must be 1 (left unconnected).
TEST
27
I
INTS
VDD3
XOR Tree Test Mode. Sampled at VDD Power-Up reset to force
the device pins into a XOR tree configuration.
– No pull-down resistor (default)
- normal device operation
–10K
Ω1 external pull-down resistor - pins configured as XOR
tree.
The external pull-down resistor must be connected to VSS.
When TEST is set to 0 (by an external pull-down resistor), TRIS
must be 1 (left unconnected).
Signal
Pin(s) I/O Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com