Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87373 Datasheet HTML 1Page - National Semiconductor (TI) PC87373 Datasheet HTML 2Page - National Semiconductor (TI) PC87373 Datasheet HTML 3Page - National Semiconductor (TI) PC87373 Datasheet HTML 4Page - National Semiconductor (TI) PC87373 Datasheet HTML 5Page - National Semiconductor (TI) PC87373 Datasheet HTML 6Page - National Semiconductor (TI) PC87373 Datasheet HTML 7Page - National Semiconductor (TI) PC87373 Datasheet HTML 8Page - National Semiconductor (TI) PC87373 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 174 page
background image
4
Features (Continued)
www.national.com
Revision 1.1
s
Keyboard Events
— Wake-up on any key
— Supports programmable 8-byte sequence “Pass-
word” or “Special Keys” for Power Management
— Simultaneous recognition of three programmable
keys (sequences): “Power”, “Sleep” and “Resume”
— Wake-up on mouse movement and/or button click
Clocking, Supply, and Package Information
s
Clocks
— LPC (PCI) clock input (up to 33 MHz)
— Low-frequency 32.768 KHz clock input, active also
in S3-S5 (when VDD3 is off), for:
System Wake-Up Control (SWC) wake-up timing
LED blink timing
Glue Functions timing
— On-chip Clock Generator:
Generates 48 MHz for the SuperI/O modules
and FSCM
Based on the 14.31818 MHz clock input
VDD3 powered
s
Protection
— All device pins are 5V tolerant and back-drive pro-
tected (except LPC bus pins
— High ESD protection of all the device pins
— Pin multiplexing selection lock
— Configuration register lock
s
Testability
— XOR tree structure
Includes all the device pins (except the supply
and the analog pins)
Selected at power-up by strap input (TEST)
— TRI-STATE device pins, selected at power-up by
strap input (TRIS)
s
Power Supply
— 3.3V supply operation
— Separate pin pairs for main (VDD3) and standby
(VSB3) power supplies
— Backup battery input (VBAT) for SWC indications
— Low standby power consumption
— Very low power consumption from backup battery
(less than 0.5
µA)
s
Package
— 128-pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com