Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 15Page - National Semiconductor (TI) PC87373 Datasheet HTML 16Page - National Semiconductor (TI) PC87373 Datasheet HTML 17Page - National Semiconductor (TI) PC87373 Datasheet HTML 18Page - National Semiconductor (TI) PC87373 Datasheet HTML 19Page - National Semiconductor (TI) PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) PC87373 Datasheet HTML 22Page - National Semiconductor (TI) PC87373 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
19
www.national.com
Revision 1.1
1.4.4
Floppy Disk Controller (FDC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
DENSEL
22
O
OD12 O6/12
VDD3
Density Select. Indicates that a high FDC density data rate (500
Kbps, 1 Mbps or 2 Mbps) or a low density data rate (250 or 300
Kbps) is selected.
DIR
17
O
OD12 O6/12
VDD3
Direction. Determines the direction of the Floppy Disk Drive
(FDD) head movement (active = step in; inactive = step out)
during a seek operation.
DR0
18
O
OD12 O6/12
VDD3
Drive Select. Active low signal controlled by bit 0 of the Digital
Output Register (DOR).
DRATE0
21
O
OD12 O6/12
VDD3
Data Rate. Reflects the value of bit 0 of either Configuration
Control Register (CCR) or Data Rate Select Register (DSR),
whichever was written to last.
DSKCHG
9
I
INTS
VDD3
Disk Change. Indicates that the drive door was opened.
HDSEL
10
O
OD12 O6/12
VDD3
Head Select. Selects which side of the FDD is accessed. Active
(low) selects side 1; inactive selects side 0.
INDEX
20
I
INTS
VDD3
Index. Indicates the beginning of an FDD track.
MTR0
19
O
OD12 O6/12
VDD3
Motor Select. Active low motor enable signal for drive 0, controlled
by bit D4 of the Digital Output Register (DOR).
RDATA11
I
INTS
VDD3
Read Data. Raw serial input data stream read from the FDD.
STEP
16
O
OD12 O6/12
VDD3
Step. Issues pulses to the disk drive at a software programmable
rate to move the head during a seek operation.
TRK0
13
I
INTS
VDD3
Track 0. Indicates to the controller that the head of the selected
floppy disk drive is at track 0.
WDATA15
O
OD12 O6/12
VDD3
Write Data. Carries out the pre-compensated serial data that is
written to the FDD. Pre-compensation is software selectable.
WGATE
14
O
OD12 O6/12
VDD3
Write Gate. Enables the write circuitry of the selected FDD.
WGATE is designed to prevent glitches during power-up and
power-down. This prevents writing to the disk when power is
cycled.
WP
12
I
INTS
VDD3
Write Protected. Indicates that the disk in the selected drive is
write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com