Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 67Page - National Semiconductor (TI) PC87373 Datasheet HTML 68Page - National Semiconductor (TI) PC87373 Datasheet HTML 69Page - National Semiconductor (TI) PC87373 Datasheet HTML 70Page - National Semiconductor (TI) PC87373 Datasheet HTML 71Page - National Semiconductor (TI) PC87373 Datasheet HTML 72Page - National Semiconductor (TI) PC87373 Datasheet HTML 73Page - National Semiconductor (TI) PC87373 Datasheet HTML 74Page - National Semiconductor (TI) PC87373 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
71
www.national.com
Revision 1.1
3.17 MUSICAL INSTRUMENT DIGITAL INTERFACE (MIDI) PORT CONFIGURATION
3.17.1 Logical Device C (MIDI) Configuration
Table 27 lists the configuration registers that affect the MIDI Port. Only the last register (F0h) is described here. See Section
3.2.3 on page 36 for descriptions of the other configuration registers. All of these registers are VDD3 powered.
Table 28. MIDI Configuration Registers
3.17.2 MIDI Port Configuration Register
This register is reset by hardware to 00h.
Power Well: VDD3
Location:
Index F0h
Type:
R/W
Usage Hints:
To use MIDI enhanced features, locate the MIDI base address within the LPC Wide Generic address range.
In Legacy mode, only the MIDI IN, MIDI OUT, MIDI Status and MIDI Command registers of the MIDI are user-accessible
(see Section 11.3 on page 136).
In Enhanced mode, all the registers listed in the MIDI chapter are accessible (see Section 11.3 on page 136).
Index
Configuration Register or Action
Type
Power Well
Reset
30h Activate (see Section 3.3.1 on page 40)
R/W
VDD3
00h
60h Base Address MSB register
R/W
VDD3
03h
61h Base Address LSB register. Bit 0 (for A0) is read only, 0b.
R/W
VDD3
30h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
VDD3
00h
71h Interrupt Type. Bit 1 is R/W; other bits are read only
R/W
VDD3
03h
74h Report no DMA Assignment
RO
VDD3
04h
75h Report no DMA Assignment
RO
VDD3
04h
F0h MIDI Port Configuration register
R/W
VDD3
00h
Bit
76543210
Name
Reserved
INT_PU_EN
Reserved
TRI-STATE
Control
Reset
00000000
Bit
Description
7-4
Reserved.
3
Enhanced Mode Enable. See Usage Hints below.
0: Disabled - Legacy mode (default)
1: Enabled - Enhanced mode
2
INT_PU_EN (Internal Pull-Up Enable). When the MIDI Port functionality is selected, this bit controls the
internal pull-up resistor on pin SMB2_SDA/MDRX.
0: Disabled (default)
1: Enabled
1
Reserved.
0
TRI-STATE Control. When this bit is set and the MIDI is inactive, the MIDI output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com