Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 48Page - National Semiconductor (TI) PC87373 Datasheet HTML 49Page - National Semiconductor (TI) PC87373 Datasheet HTML 50Page - National Semiconductor (TI) PC87373 Datasheet HTML 51Page - National Semiconductor (TI) PC87373 Datasheet HTML 52Page - National Semiconductor (TI) PC87373 Datasheet HTML 53Page - National Semiconductor (TI) PC87373 Datasheet HTML 54Page - National Semiconductor (TI) PC87373 Datasheet HTML 55Page - National Semiconductor (TI) PC87373 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
52
www.national.com
Revision 1.1
3.9 PARALLEL PORT (PP) CONFIGURATION
3.9.1
General Description
The PC87373 Parallel Port supports all IEEE1284 standard communication modes: Compatibility (also known as Standard
or SPP), Bi-directional (known also as PS/2), FIFO, EPP (also known as mode 4) and ECP (with an optional Extended ECP
mode).
The Parallel Port includes two groups of runtime registers (see Section 12.2 on page 142):
A group of 21 registers at first level offset, sharing 14 entries. Three of these registers (at offsets 403h, 404h and 405h)
are used only in Extended ECP mode.
A group of four registers, used only in Extended ECP mode, is accessed by a second level offset.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters are used and which address bits are used for the base address. The Parallel Port functional block registers are shown
in Section 12.2 on page 142. All of these registers are VDD3 powered.
3.9.2
Logical Device 1 (PP) Configuration
Table 17 lists the configuration registers that affect the Parallel Port. Only the last register (F0h) is described here. See Sec-
tion 3.2.3 on page 36 for descriptions of the other configuration registers. All of these registers are VDD3 powered.
Table 17. Parallel Port Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h Activate (see Section 3.3.1 on page 40)
R/W
VDD3
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000’. Bit 2
(for A10) must be ‘0’.
R/W
VDD3
02h
61h Base Address LSB register. Bits 1 and 0 (A1 and A0) are read only, ‘00’. For ECP
mode 4 (EPP) or when using Extended registers, bit 2 (A2) must also be ‘0’.
R/W
VDD3
78h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
VDD3
07h
71h Interrupt Type:
- Bits 7-2 are read only.
- Bit 1 is a read/write bit.
- Bit 0 is read only. It reflects the interrupt type dictated by the Parallel Port
operation mode. This bit is set to 1 (level interrupt) in Extended mode and
cleared (edge interrupt) in all other modes.
R/W
VDD3
02h
74h DMA Channel Select
R/W
VDD3
04h
75h Report no second DMA assignment
RO
VDD3
04h
F0h Parallel Port Standard Configuration register
R/W
VDD3
F2h
F8h Parallel Port Modified Configuration register
R/W
VDD3
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com