Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 62Page - National Semiconductor (TI) PC87373 Datasheet HTML 63Page - National Semiconductor (TI) PC87373 Datasheet HTML 64Page - National Semiconductor (TI) PC87373 Datasheet HTML 65Page - National Semiconductor (TI) PC87373 Datasheet HTML 66Page - National Semiconductor (TI) PC87373 Datasheet HTML 67Page - National Semiconductor (TI) PC87373 Datasheet HTML 68Page - National Semiconductor (TI) PC87373 Datasheet HTML 69Page - National Semiconductor (TI) PC87373 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
66
www.national.com
Revision 1.1
3.14.6 GPIO Pin Configuration Register 2 (GPCFG2)
This register controls the connection of the GPIO pin to a VDD-powered load. An exception to this is GPIO14 pin of Port 1,
which lacks the GPCFG2 configuration register (the register is reserved and the pin is configured for VSB3-powered load).
GPCFG2 is reset to 00h.
Power Well: VSB3
Location:
Index F3h
Type:
R/W or RO
3.14.7 GPIO Mode Select Register (GPMODE)
This register controls the operation mode of the GPIO runtime registers (see Section 5.1 on page 73). GPMODE is reset to
01h.
Power Well: VSB3
Location:
Index F8h
Type:
R/W or RO
Bit
76543210
Name
Reserved
VDDLOAD
Reserved
Reset
00000000
Bit
Description
7-5
Reserved.
4
VDDLOAD (VDD3-Powered Load). This bit indicates that the selected GPIO pin is connected to a device
powered by VDD3. The input and output buffers (including the internal pull-up) of the selected GPIO pin are
disabled whenever VDD3 power to the PC87373 device falls below a certain value (see Section 13.1.5 on
page 152).
0: GPIO pin connected to a VSB3-powered load (default): The configuration and data of the GPIO pin are reset
by VSB Power-Up reset (see Section 2.2 on page 29).
1: GPIO pin connected to a VDD3-powered load: The configuration (excepting the VDDLOAD bit) and data of the
GPIO pin are reset by VDD Power-Up reset, Hardware reset or Software reset (see Section 2.2 on page 29).
3-0
Reserved.
Bit
76543210
Name
Reserved
SEPDIO
Reset
00000001
Bit
Description
7-1
Reserved.
0
SEPDIO (Separate Data I/O Select). This bit selects the operation mode of the GPIO runtime registers by
controlling the GPDOn, GPEVENn and GPEVSTn runtime registers to read-only (n is the Port number, 0 or 1).
0: Common Data I/O mode (GPDOn, GPEVENn and GPEVSTn registers are read-only, and data written to them
is ignored)
1: Separate Data I/O mode (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com