Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 64Page - National Semiconductor (TI) PC87373 Datasheet HTML 65Page - National Semiconductor (TI) PC87373 Datasheet HTML 66Page - National Semiconductor (TI) PC87373 Datasheet HTML 67Page - National Semiconductor (TI) PC87373 Datasheet HTML 68Page - National Semiconductor (TI) PC87373 Datasheet HTML 69Page - National Semiconductor (TI) PC87373 Datasheet HTML 70Page - National Semiconductor (TI) PC87373 Datasheet HTML 71Page - National Semiconductor (TI) PC87373 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
68
www.national.com
Revision 1.1
3.15.3 Fan Speed Control and Monitor Configuration Register 1 (FSCMCF1)
This register is reset to 00h.
Power Well: VDD3
Location:
Index F0h
Type:
Varies per bit
74h
Report no DMA assignment
RO
VDD3
04h
75h
Report no DMA assignment
RO
VDD3
04h
F0h
Fan Speed Control and Monitor Configuration register 1 (FSCMCF1)
R/W
VDD3
00h
F1h
Fan Speed Control and Monitor Configuration register 2 (FSCMCF2)
R/W
VDD3
00h
1. The logical device runtime registers are maintained and all detection mechanisms are functional.
Bit
76543210
Name
LOCKFCF
FANCTL
_INV2
FANCTL
_EN2
FANMON
_EN2
FANCTL
_INV1
FANCTL
_EN1
FANMON
_EN1
TRI-STATE
Control
Reset
00000000
Bit
Type
Description
7
R/W1S LOCKFCF (Lock Fan Speed Configuration). When set to 1, this bit locks the bits of the FSCMCF1
and FSCMCF2 registers by disabling writing to them (including the LOCKFCF bit itself). Once set, this
bit can be cleared by VDD3 Power-Up reset (or Hardware reset).
0: R/W bits are enabled for write (default)
1: All bits are RO
6
R/W or
RO
FANCTL_INV2 (Fan Control Output Invert 2). When this bit is set to 1, the signal at the FANPWM2
control output is inverted (pin GPIOE4/FANPWM2).
0: Normal signal at FANPWM2 (default)
1: Inverted signal at FANPWM2
5
R/W or
RO
FANCTL_EN2 (Fan Control Enable 2). When this bit is set to 1, the Fan Speed Controller 2 is enabled
and a PWM signal is generated at the FANPWM2 control output (pin GPIOE4/FANPWM2).
0: Disabled (default)
1: Enabled
4
R/W or
RO
FANMON_EN2 (Fan Monitor Enable 2). When this bit is set to 1, the Fan Speed Monitor 2 is enabled
and the rate of pulses received at the FANTACH2 tachometer input is measured.
0: Disabled (default)
1: Enabled
3
R/W or
RO
FANCTL_INV1 (Fan Control Output Invert 1). When this bit is set to 1, the signal at the FANPWM1
control output is inverted (pin GPIOE3/FANPWM1).
0: Normal signal at FANPWM1 (default)
1: Inverted signal at FANPWM1
2
R/W or
RO
FANCTL_EN1 (Fan Control Enable 1). When this bit is set to 1, the Fan Speed Controller 1 is enabled
and a PWM signal is generated at the FANPWM1 control output (pin GPIOE3/FANPWM1).
0: Disabled (default)
1: Enabled
Table 26. FSCM Configuration Registers (Continued)
Index
Configuration Register or Action
Type
Power Well
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com