Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 63Page - National Semiconductor (TI) PC87373 Datasheet HTML 64Page - National Semiconductor (TI) PC87373 Datasheet HTML 65Page - National Semiconductor (TI) PC87373 Datasheet HTML 66Page - National Semiconductor (TI) PC87373 Datasheet HTML 67Page - National Semiconductor (TI) PC87373 Datasheet HTML 68Page - National Semiconductor (TI) PC87373 Datasheet HTML 69Page - National Semiconductor (TI) PC87373 Datasheet HTML 70Page - National Semiconductor (TI) PC87373 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
67
www.national.com
Revision 1.1
3.15 FAN SPEED CONTROL AND MONITOR (FSCM) CONFIGURATION
3.15.1 General Description
This module includes three Fan Speed Control units (see Section 7 on page 107) and three Fan Speed Monitor units (see
Section 8 on page 110). The 21 runtime registers of the six functional blocks are arranged in the address space shown in
Table 25. The base address is 32-byte aligned. Address bits 0
−4 are used to indicate the register offset.
3.15.2 Logical Device 9 (FSCM) Configuration
Table 26 lists the configuration registers that affect the Fan Speed Control and Monitor. Only the last registers (F0h and F1h)
are described here. See Section 3.2.3 on page 36 for a detailed description of the other registers.
Table 25. Runtime Registers in FSCM Address Space
Offset
Mnemonic
Register Name
Function
00h
FMTHRL1 Fan Monitor 1 Threshold Low
Fan Speed Monitor 1
01h
FMTHRH1 Fan Monitor 1 Threshold High
02h
FMSPRL1 Fan Monitor 1 Speed Low
03h
FMSPRH1 Fan Monitor 1 Speed High
04h
FMCSR1
Fan Monitor 1 Control & Status
05h
FMTHRL2 Fan Monitor 2 Threshold Low
Fan Speed Monitor 2
06h
FMTHRH2 Fan Monitor 2 Threshold High
07h
FMSPRL2 Fan Monitor 2 Speed Low
08h
FMSPRH2 Fan Monitor 2 Speed High
09h
FMCSR2
Fan Monitor 2 Control & Status
0Ah
FMTHRL3 Fan Monitor 3 Threshold Low
Fan Speed Monitor 3
0Bh
FMTHRH3 Fan Monitor 3 Threshold High
0Ch
FMSPRL3 Fan Monitor 3 Speed Low
0Dh
FMSPRH3 Fan Monitor 3 Speed High
0Eh
FMCSR3
Fan Monitor 3 Control & Status
0Fh
Reserved
10h
FCPSR1
Fan Control 1 Pre-Scale
Fan Speed Control 1
11h
FCDCR1
Fan Control 1 Duty Cycle
12h
FCPSR2
Fan Control 2 Pre-Scale
Fan Speed Control 2
13h
FCDCR2
Fan Control 2 Duty Cycle
14h
FCPSR3
Fan Control 3 Pre-Scale
Fan Speed Control 3
15h
FCDCR3
Fan Control 3 Duty Cycle
16h-1Fh Reserved
Table 26. FSCM Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate. When bit 0 is cleared, the runtime registers of this logical device are
not accessible (see Section 3.3.1 on page 40).1
R/W
VDD3
00h
60h
FSCM Base Address MSB register
R/W
VDD3
00h
61h
FSCM Base Address LSB register. Bits 4-0 (for A4-0) are read only, ‘00000’.
R/W
VDD3
00h
70h
Interrupt Number and Wake-Up on IRQ Enable register
R/W
VDD3
00h
71h
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
VDD3
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com